Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 752 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 752 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 748Page - Renesas Technology Corp 32186 Datasheet HTML 749Page - Renesas Technology Corp 32186 Datasheet HTML 750Page - Renesas Technology Corp 32186 Datasheet HTML 751Page - Renesas Technology Corp 32186 Datasheet HTML 752Page - Renesas Technology Corp 32186 Datasheet HTML 753Page - Renesas Technology Corp 32186 Datasheet HTML 754Page - Renesas Technology Corp 32186 Datasheet HTML 755Page - Renesas Technology Corp 32186 Datasheet HTML 756Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 752 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
14.2 DRI Related Registers
The table below shows a DRI related register map.
DRI Related Register Map (1/2)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 052A
DD Input Pin Select Register
14-6
(DDSEL)
H'0080 2000
DIN Interrupt Request Status Register
DIN Interrupt Request Enable Register
14-9
(DRIDINIST)
(DRIDINIEN)
H'0080 2002
DEC Interrupt Request Status Register
DEC Interrupt Request Enable Register
14-10
(DRIDECIST)
(DRIDECIEN)
H'0080 2004
DRI Transfer Interrupt Request Status Register
DRI Transfer Interrupt Request Enable Register
14-11
(DRITRMIST)
(DRITRMIEN)
14-12
H'0080 2006
DRI Transfer Control Register
DRI Special Mode Register
14-13
(DRITRMCNT)
(DRISPMOD)
14-15
H'0080 2008
DRI Data Capture Control Register
14-18
(DRIDCAPCNT)
H'0080 200A
DRI Data Interleave Control Register
DIN Input Event Select Register
14-22
(DRIDSELCNT)
(DINSEL)
H'0080 200C
DD Input Enable Register 0
DD Input Enable Register 1
14-23
(DRIDDEN0)
(DRIDDEN1)
H'0080 200E
DD Input Enable Register 2
DD Input Enable Register 3
14-23
(DRIDDEN2)
(DRIDDEN3)
14-24
H'0080 2010
DRI Data Capture Event Count Setting Register(Upper)
14-25
(DRIDCAPNUM)
H'0080 2012
(Lower)
H'0080 2014
DRI Capture Event Counter
(Upper)
14-26
(DRIDCAPCT)
H'0080 2016
(Lower)
H'0080 2018
DRI Transfer Counter
(Upper)
14-27
(DRITRMCT)
H'0080 201A
(Lower)
(Use inhibited area)
H'0080 2020
DRI Address Reload Register 0
(Upper)
14-29
(DRIADR0RLD)
H'0080 2022
(Lower)
H'0080 2024
DRI Address Counter 0
(Upper)
14-28
(DRIADR0CT)
H'0080 2026
(Lower)
H'0080 2028
DRI Address Reload Register 1
(Upper)
14-29
(DRIADR1RLD)
H'0080 202A
(Lower)
H'0080 202C
DRI Address Counter 1
(Upper)
14-28
(DRIADR1CT)
H'0080 202E
(Lower)
H'0080 2030
DIN Input Processing Control Register
14-30
(DINCNT)
H'0080 2032
DEC0 Control Register
(Use inhibited area)
14-31
(DEC0CNT)
H'0080 2034
DEC0 Reload Register
14-36
(DEC0RLD)
H'0080 2036
DEC0 Counter
14-36
(DEC0CT)
H'0080 2038
DEC1 Control Register
(Use inhibited area)
14-31
(DEC1CNT)
H'0080 203A
DEC1 Reload Register
14-36
(DEC1RLD)
14.2 DRI Related Registers
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com