Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 754 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 754 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 750Page - Renesas Technology Corp 32186 Datasheet HTML 751Page - Renesas Technology Corp 32186 Datasheet HTML 752Page - Renesas Technology Corp 32186 Datasheet HTML 753Page - Renesas Technology Corp 32186 Datasheet HTML 754Page - Renesas Technology Corp 32186 Datasheet HTML 755Page - Renesas Technology Corp 32186 Datasheet HTML 756Page - Renesas Technology Corp 32186 Datasheet HTML 757Page - Renesas Technology Corp 32186 Datasheet HTML 758Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 754 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-6
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
14.2.1 DD Input Pin Select Register
DD Input Pin Select Register (DDSEL)
<Address: H'0080 052B>
9
10
11
12
13
14
b15
b8
0
DD03SEL
0
0
0
0
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
8–14
No function assigned. Fix to "0."
00
15
DD03SEL
0: DD0
P127/TCLK3/CS3#/DD0
R
W
DD0–3 input pin select bit
DD1
P126/TCLK2/CS2#/DD1
DD2
P125/TCLK1/A10/DD2
DD3
P124/TCLK0/A9/DD3
1: DD0
P107/TO15/RXD4/DD0
DD1
P106/TO14/TXD4/DD1
DD2
P105/TO13/SCLKI4/SCLKO4/DD2
DD3
P104/TO12/TIN25/DD3
(1) DD03SEL(DD0–3 Input Pin Select) bit (Bit 15)
About 16 high-order bits of DDn(n= 0 to 31)which is data input to DRI, pins can be selected from two
groups(pin groups A and B).
Which pin groups (pin groups A or B) is used is selected in the DDSL (DD input 16 high-order bit pin
select) bit of DRI Data Capture Control Register (DRIDCAPCNT).In this DDSEL register, it selects
which pin is used for DD0 to DD3 when pin group A is selected.
In the DDSL bit of DRIDCAPCNT register when pin group B is selected, setting of this DDSEL register
is ignored.
In order to use pin function as DD input pin, port operation mode register also needs to be set up
separately. Pin group table is shown in Table 14.2.2.
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com