Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 755 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 755 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 751Page - Renesas Technology Corp 32186 Datasheet HTML 752Page - Renesas Technology Corp 32186 Datasheet HTML 753Page - Renesas Technology Corp 32186 Datasheet HTML 754Page - Renesas Technology Corp 32186 Datasheet HTML 755Page - Renesas Technology Corp 32186 Datasheet HTML 756Page - Renesas Technology Corp 32186 Datasheet HTML 757Page - Renesas Technology Corp 32186 Datasheet HTML 758Page - Renesas Technology Corp 32186 Datasheet HTML 759Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 755 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-7
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
14.2.2 DRI Interrupt Related Registers
The DRI interrupt related registers are used to control the interrupt request signals output to the Interrupt
Controller from the DRI.
(1) Interrupt request status bit
This status bit is used to determine whether an interrupt is requested. When an interrupt request
occurs, this bit is set in hardware (cannot be set in software). The status bit is cleared by writing "0."
Writing "1" has no effect; the bit retains the status it had before the write. Because this bit is unaf-
fected by the interrupt request enable bit, it can also be used to inspect the operating status of periph-
eral functions. In interrupt handling, make sure that within the grouped interrupt request status, only
the status bit for the interrupt request that has been serviced is cleared. If the status bit for any
interrupt request that has not been serviced is cleared, the pending interrupt request is cleared simul-
taneously with its status bit.
(2) Interrupt request enable bit
This bit is used to disable unnecessary interrupt requests within the grouped interrupt request. Set
this bit to "1" to enable interrupt requests or "0" to disable interrupt requests.
Figure 14.2.1 Interrupt Request Status and Mask Registers
14.2 DRI Related Registers
To the Interrupt Controller
Interrupt request from
each peripheral function
Interrupt request status
Data bus
Set
• Group interrupt
Interrupt request enable
clear
F/F
F/F
Data = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com