Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 759 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 759 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 755Page - Renesas Technology Corp 32186 Datasheet HTML 756Page - Renesas Technology Corp 32186 Datasheet HTML 757Page - Renesas Technology Corp 32186 Datasheet HTML 758Page - Renesas Technology Corp 32186 Datasheet HTML 759Page - Renesas Technology Corp 32186 Datasheet HTML 760Page - Renesas Technology Corp 32186 Datasheet HTML 761Page - Renesas Technology Corp 32186 Datasheet HTML 762Page - Renesas Technology Corp 32186 Datasheet HTML 763Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 759 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-11
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
DRI Transfer Interrupt Request Status Register (DRITRMIST)
<Address: H'0080 2004>
123456
b7
b0
ADR0IS
ADR1IS
OVREIS
DCPEIS
DTRFIS
00000
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
0
ADR0IS
0: Interrupt not requested
R(Note 1)
DRI address counter 0 interrupt request status bit
1: Interrupt requested
1
ADR1IS
DRI address counter 1 interrupt request status bit
2
OVREIS
Overrun error interrupt request status bit
3
DCPEIS
Capture enable error interrupt request status bit
4
DTRFIS
DRI transfer counter interrupt request status bit
5–7
No function assigned. Fix to "0."
00
Note 1: Only writing "0" is effective. Writing "1" has no effect, so that the bit retains the previous value.
(1) ADR0IS (DRI Address Counter 0 Interrupt Request Status) bit (Bit 0)
If while DRI address counter 0 (DRIADR0CT) is enabled as the destination of transfer for the
captured data the DRI transfer counter (DRITRMCT) underflows (H'0000 0000: count stop) upon
reaching the terminal count, this bit is set to "1" in hardware.
(2) ADR1IS (DRI Address Counter 1 Interrupt Request Status) bit (Bit 1)
If while DRI address counter 1 (DRIADR1CT) is enabled as the destination of transfer for the
captured data the DRI transfer counter (DRITRMCT) underflows (H'0000 0000: count stop) upon
reaching the terminal count, this bit is set to "1" in hardware.
(3) OVREIS (Overrun Error Interrupt Request Status) bit (Bit 2)
The DRI contains four 32-bit intermediate buffers to avoid losses of captured data arising from bus
contention for RAM access with other bus masters. If a data capture event is detected while all of the
buffers are full, this bit is set to "1" in hardware. In this case, the detected data capture event is ignored.
(4) DCPEIS (Capture Enable Error Interrupt Request Status) bit (Bit 3)
If the DCPEN (capture enable) bit in the DRI Data Capture Control Register (DRIDCAPCNT)
changes state from "0" to "1" or the external event is detected before the DRI capture event counter
(DRIDCAPCT) or the DRI transfer counter (DRITRMCT) underflows(H'0000 0000: count stop), this
bit is set to "1."
[Set condition]
1. If any capture enable external event is selected by DEXSL(capture enable external source
select) bit in the DRI Data Capture Control Register (DRIDCAPCNT); and
1) when the selected external event is detected while DCPEN(capture enable) bit is enabled
for data capture
2) when the selected external event is detected before the DRI transfer counter (DRITRMCT)
underflows(H'0000 0000: count stop)
2. If DCPEN (capture enable) bit is set to "1" from "0" in software before the DRI transfer counter
(DRITRMCT) underflows(H'0000 0000: count stop)
Notes: • In case of 1, the capture enable event is ignored.
• In case of 2, the DRI control unit should be initialized by clearing the DRI Transfer
Control Register(DRITRMCNT) and DRI Data Capture Control Register
(DRIDCAPCNT) to "0."
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com