Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 762 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 762 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 758Page - Renesas Technology Corp 32186 Datasheet HTML 759Page - Renesas Technology Corp 32186 Datasheet HTML 760Page - Renesas Technology Corp 32186 Datasheet HTML 761Page - Renesas Technology Corp 32186 Datasheet HTML 762Page - Renesas Technology Corp 32186 Datasheet HTML 763Page - Renesas Technology Corp 32186 Datasheet HTML 764Page - Renesas Technology Corp 32186 Datasheet HTML 765Page - Renesas Technology Corp 32186 Datasheet HTML 766Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 762 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-14
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(3) ADST (Address Counter Status) bit (Bit 2)
This bit indicates which DRI address counter, 0 or 1, is currently selected to specify the destination
address of DRI transfer.
(4) ADMD (Address Counter Operation Mode Select) bit (Bit 3)
This bit selects operation modes of DRI address counter 0(DRIADR0CT) and DRI address counter
1(DRIADR1CT). Both DRI address counters operate in the same mode.
• When continuous mode is selected
The active DRI address counter is incremented by 4 each time a DRI transfer is completed after
DRI transfer is enabled. In continuous mode, no DRI address reload register values are used.
• When reload mode is selected
When the DCPEN (capture enable) bit in the DRI Data Capture Control Register(DRIDCAPCNT)
changes state from "0" to "1" (= enabled) after DRI transfer is enabled, the DRI address counter is
reloaded with a count value from the corresponding DRI address reload register. Thereafter, the
active DRI address counter is incremented by 4 each time a DRI transfer is completed.
Note: • If the bus width for the input data from external devices is chosen to be 8 bits, a DRI transfer is
executed every four data capture events detected. Similarly, a DRI transfer is executed every
two data capture events detected if the selected bus width is 16 bits or every data capture event
detected if the selected bus width is 32 bits.
(5) ADSL (Address Counter Select) bits (Bits 4, 5)
The DRI contains two address counters to specify the internal RAM address to which data is trans-
ferred. These bits are used to select one of the two address counters.
1) When DRI address counter 0 selected
Data is transferred to the internal RAM address specified by DRI address counter 0(DRIADR0CT).
2) When DRI address counter 1 selected
Data is transferred to the internal RAM address specified by DRI address counter 1(DRIADR1CT).
3) When DRI address counters 0 and 1 toggled
The DRI address counters are switched over in hardware by an event selected by the ADEV
(address counter switchover select) bit. After a mycrocomputer reset, DRI address counter 0
(DRIADR0CT) is active. When the DRST (DRI reset) bit is cleared to "0," the active DRI address
counter is initialized to DRI address counter 0(DRIADR0CT).
(6) ADEV (Address Counter Switchover Select) bit (Bit 7)
This bit is effective only when the ADSL(address counter select) bit are set to "10" (DRI address
counters 0/1 toggled). This bit selects an event that causes the DRI address counter 0(DRIADR0CT)
and 1(DRIADR1CT) that specify the destination address on the internal RAM of transfer to switch over.
Note: • If a DEC4 underflow is selected as the address counter switchover event, it is prohibited
to select DIN4 event detection/capture event as the DEC4 count event.
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com