Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 760 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 760 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 756Page - Renesas Technology Corp 32186 Datasheet HTML 757Page - Renesas Technology Corp 32186 Datasheet HTML 758Page - Renesas Technology Corp 32186 Datasheet HTML 759Page - Renesas Technology Corp 32186 Datasheet HTML 760Page - Renesas Technology Corp 32186 Datasheet HTML 761Page - Renesas Technology Corp 32186 Datasheet HTML 762Page - Renesas Technology Corp 32186 Datasheet HTML 763Page - Renesas Technology Corp 32186 Datasheet HTML 764Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 760 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-12
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(5) DTRFIS (DRI Transfer Counter Interrupt Request Status) bit (Bit 4)
This bit is set when DRI transfer counter(DRITRMCT) is underflown (H'0000 0000: stop counting).
Note: • If the status is cleared in software at the same time it is set for an interrupt request generated,
the latter has priority, so that the status is set.
DRI Transfer Interrupt Request Enable Register (DRITRMIEN)
<Address: H'0080 2005>
9
10
11
12
13
14
b15
b8
ADR0IEN ADR1IEN OVREIEN DCPEIEN DTRFIEN
00000
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
8
ADR0IEN
0: Mask (disable) interrupt request
R
W
DRI address counter 0 interrupt request enable bit
1: Enable interrupt request
9
ADR1IEN
DRI address counter 1 interrupt request enable bit
10
OVREIEN
Overrun error interrupt request enable bit
11
DCPEIEN
Capture enable error interrupt request enable bit
12
DTRFIEN
DRI transfer counter interrupt request enable bit
13–15
No function assigned. Fix to "0."
00
This register enables or prohibit the interrupt requests that will be generated by the DRI transfer related
interrupt status register.
Setting any bit in this register to "1" enables the corresponding interrupt request.
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com