Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 763 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 763 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 759Page - Renesas Technology Corp 32186 Datasheet HTML 760Page - Renesas Technology Corp 32186 Datasheet HTML 761Page - Renesas Technology Corp 32186 Datasheet HTML 762Page - Renesas Technology Corp 32186 Datasheet HTML 763Page - Renesas Technology Corp 32186 Datasheet HTML 764Page - Renesas Technology Corp 32186 Datasheet HTML 765Page - Renesas Technology Corp 32186 Datasheet HTML 766Page - Renesas Technology Corp 32186 Datasheet HTML 767Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 763 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-15
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
14.2.4 DRI Special Mode Control Register
Selecting the special mode allows the DRI to be interfaced with external devices at still higher speed.
The width of input data bus during special mode is 8 or 16 bits. And data capturing timing(shown in Figure
14.2.6) can be selected when default timing. DI3 can only be selected for data synchronous signal.
Also, the event detection unit and data capture unit of the DRI are clocked by a signal whose transfer rate
has been halved as shown in Figure 14.2.5.
DRI Special Mode Register (DRISPMOD)
<Address: H'0080 2007>
9
10
11
12
13
14
b15
b8
SPSSL
SPISL
SPMEN
00
0
0
0
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
8
SPSSL
0: Rising edge
R
W
DIN3 sampling edge select bit
1: Falling edge
9
No function assigned. Fix to "0."
00
10
SPISL
0: "L" level
R
W
Special mode control unit initialization DIN1 level select bit 1: "H" level
11
SPMEN
0: Special mode off
R
W
Special mode enable bit
1: Special mode on
12–15
No function assigned. Fix to "0."
00
(1) SPSSL (DIN3 Sampling Edge Select) bit (Bit 8)
Select the falling edge as the sampling edge for the transfer method shown in Figure 14.2.4, or the
rising edge for the transfer method shown in Figure 14.2.3. This bit can only be changed while the
DRST(DRI reset) bit in DRI transfer control register(DRITRMCNT) is "0." Note that the data syn-
chronous signal during special mode is fixed to DIN3, and cannot be changed. In special mode,
furthermore, the signal controlled by DIN3ED (DIN3 event detection control) bit in the DIN Input
Processing Control Register(DINCNT) is the “output signal to the event detection unit” shown in
Figure 14.2.5, and not the input signal from the DIN3 pin.
(2) SPISL (Special Mode Control Unit Initialization DIN1 Level Select) bit (Bit 10)
The special mode control circuit block can be initialized using the input signal supplied from DIN1.
This bit selects the active level of the DIN1 signal by which said circuit is initialized. When DIN1 is
driven to the initialization level, the output signals to the event detection unit and data capture unit
all go "L," causing data sampling to stop. Conversely, when DIN1 is not at the initialization level,
data sampling is performed at given internals and the signal shown in Figure 14.2.5 is passed to the
event detection unit/data capture unit. Note that initialization function of the special mode control
circuit block by DIN1 is not affected by setting of the DIN1ED bit in the DIN Input Processing Regis-
ter (DINCNT). Note also that this bit can only be changed when the DRST (DRI reset) bit in the DRI
Transfer Control Register (DRITRMCNT) = "0."
Note: • If DIN1 changes to the initialization level while the DCPEN (capture enable) bit in the
DRI Data Capture Control Register (DRIDCAPCNT) = "1," the following problems may
occur:
1) Erroneous data is taken in by the DRI.
2) Eight data prior to a change to the reset state are not taken in.
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com