Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 766 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 766 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 762Page - Renesas Technology Corp 32186 Datasheet HTML 763Page - Renesas Technology Corp 32186 Datasheet HTML 764Page - Renesas Technology Corp 32186 Datasheet HTML 765Page - Renesas Technology Corp 32186 Datasheet HTML 766Page - Renesas Technology Corp 32186 Datasheet HTML 767Page - Renesas Technology Corp 32186 Datasheet HTML 768Page - Renesas Technology Corp 32186 Datasheet HTML 769Page - Renesas Technology Corp 32186 Datasheet HTML 770Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 766 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-18
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
14.2.5 DRI Data Capture Control Register
DRI Data Capture Control Register (DRIDCAPCNT)
<Address: H'0080 2008>
b0
123456789
10
11
12
13
14
b15
DCPSL
0000000000000000
DDSL
DCPEN
DEXSL
DWDSL
DDSSL
DTMSL
DWRPR
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
0
DCPEN
0: Disable capturing data
R
W
Capture enable bit
1: Enable capturing data
1–3
DEXSL
0XX: No external source selected
R
W
Capture enable external source select bit
100: DIN0 event detection
101: DIN1 event detection
110: DIN2 event detection
111: DEC0 underflow
4, 5
DDSSL
00: No disable source selected
R
W
Capture external control disable souce select bit
01: DRI capture event counter underflow
10: DEC3 underflow
11: DEC4 underflow
6, 7
DWDSL
00: 8 bits
R
W
Input data bus width select bit
01: 16 bits
10: 32 bits
11: Settings inhibited
8, 9
DCPSL
00: DIN2 event detection
R
W
Capture event select bit
01: DIN3 event detection
10: DIN4 event detection
11: DIN5 event detection
10
DDSL
0: Select pin group A
R
W
DD input 16-high order bit pin select bit
1: Select pin group B
11
DWRPR
0: Enable WR
0
W
Capture control WR protect bit
1: Disable WR
12–15
DTMSL
0000: Default
R
W
Capture timing select bit
0001: 1 BCLK later
0010: 2 BCLK later
0011: 3 BCLK later
0100: 4 BCLK later
0101: 5 BCLK later
0110: 6 BCLK later
0111: 7 BCLK later
1000: 8 BCLK later
1001: 9 BCLK later
1010: 10 BCLK later
1011: 11 BCLK later
1100: 12 BCLK later
1101: 13 BCLK later
1110: 14 BCLK later
1111: 15 BCLK later
Note: • This register must always be accessed halfword (in 16 bits) units from the halfword boundary.
This register is used to make settings necessary to capture the input data that is fed in synchronously with an
external clock signal. Before setting up this register, make sure the DRST (DRI reset) bit in the DRI Transfer
Control Register (DRITRMCNT) is set to "1." Also, if the DRST bit is cleared to "0," be sure to clear this
register to "0."
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com