Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 767 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 767 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 763Page - Renesas Technology Corp 32186 Datasheet HTML 764Page - Renesas Technology Corp 32186 Datasheet HTML 765Page - Renesas Technology Corp 32186 Datasheet HTML 766Page - Renesas Technology Corp 32186 Datasheet HTML 767Page - Renesas Technology Corp 32186 Datasheet HTML 768Page - Renesas Technology Corp 32186 Datasheet HTML 769Page - Renesas Technology Corp 32186 Datasheet HTML 770Page - Renesas Technology Corp 32186 Datasheet HTML 771Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 767 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-19
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(1) DCPEN (Capture Enable) bit (Bit 0)
When DCPEN = "1," the DRI is enabled for “capturing” data (i.e., taking in data into the internal RAM).
[Set condition]
• When explicitly set by writing "1" in software
• When the event selected by the DEXSL (capture enable external source select) bit is detected
[Clear condition]
• When explicitly cleared by writing "0" in software
• When the DRI capture event counter (DRIDCAPCT) underflows (H'0000 0000: stop counting)
upon reaching the terminal count
Notes: • If an external source is selected by the DEXSL (capture enable external source
select) bit, the bit cannot be set by writing "1" in software.
• Before setting the bit by writing "1" in software, always be sure to check the DRI
transfer counter (DRITRMCT) to see that the counter is in an underflow (H'0000
0000: stop counting) state.
(2) DEXSL (Capture Enable External Source Select) bits (Bits 1–3)
These bits select an external source that causes DCPEN (capture enable) bit to be enabled for data
capture. When the event selected here is detected, the capture enable bit is set to "1." If no external
sources are selected, in no case will the capture enable bit be set by any external source. The exter-
nal source or event selected by these bits can be cleared to "0" by using the DDSSL (capture external
control disable source select) bit.
(3) DDSSL (Capture External Control Disable Source Select) bits (Bits 4, 5)
These bits select the external source or event to clear the capture enable external source select bits to "0."
(4) DWDSL (Input Data Bus Width Select) bits (Bits 6, 7)
These bits select the bus width of the input data supplied from external devices. If the bus width is
chosen to be 8 bits, a DRI transfer is executed every four data capture events detected. Similarly, a
DRI transfer is executed every two data capture events detected if the selected bus width is 16 bits or
every data capture event detected if the selected bus width is 32 bits. Table 14.2.1 shows the relation-
ship between each selected bus width and the data bits that are taken in.
Note: • When special mode is selected, the input data bus width select bits are subject to setting
limitations. For details, refer to DRI Special Mode Control Register (DRISPMOD).
(5) DCPSL (Capture Event Select) bits (Bits 8, 9)
These bits select an event at which data is taken in. In cases where the DRTS (DRI reset) bit in DRI
transfer control register (DRITRMCNT)is enabled for operation, the capture enable bit is enabled for
data capture and the interleaving control is in use, data is taken in when the selected event is de-
tected while capture event detection conditions are met.If a data capture event is detected at the
same time the DCPEN (capture enable) bit is set, data is taken in.
Note: • When special mode is selected, be sure to select DIN3 event detection.
(6) DDSL (DD Input 16 High-Order Bit Pin Select) bit (Bit 10)
Of the data inputs to the DRI, DDn (n = 0–31), pins for the 16 high-order bits (DD0-DD15) can be selected
from two pin groups. This bit selects the pin group (the pin groupA,B) to be used. However, for the other
inputs DD16-DD31 are fixed. Table 14.2.2 lists pins in each pin group. If pin group A is selected, the DD
Input Pin Select Register (DDSEL) should be set to specify which pins in DD0-DD3 to be used.
Note: • Port operation mode must be set separately from this register.
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com