Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 770 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 770 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 766Page - Renesas Technology Corp 32186 Datasheet HTML 767Page - Renesas Technology Corp 32186 Datasheet HTML 768Page - Renesas Technology Corp 32186 Datasheet HTML 769Page - Renesas Technology Corp 32186 Datasheet HTML 770Page - Renesas Technology Corp 32186 Datasheet HTML 771Page - Renesas Technology Corp 32186 Datasheet HTML 772Page - Renesas Technology Corp 32186 Datasheet HTML 773Page - Renesas Technology Corp 32186 Datasheet HTML 774Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 770 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-22
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
14.2.6 DRI Data Interleave Control Register
DRI Data Interleave Control Register (DRIDSELCNT)
<Address: H'0080 200A>
123456
b7
b0
DSD0
DSD1
DSD2
DSD3
DSD4
00000
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
0
DSD0
0: Not interleaved
R
W
DEC0 data interleave control bit
1: Interleaved by DEC0CT
1
DSD1
0: Not interleaved
R
W
DEC1 data interleave control bit
1: Interleaved by DEC1CT
2
DSD2
0: Not interleaved
R
W
DEC2 data interleave control bit
1: Interleaved by DEC2CT
3
DSD3
0: Not interleaved
R
W
DEC3 data interleave control bit
1: Interleaved by DEC3CT
4
DSD4
0: Not interleaved
R
W
DEC4 data interleave control bit
1: Interleaved by DEC4CT
5–7
No function assigned. Fix to "0."
00
The five event counters included in the DRI may be used to have the input data interleaved or “thinned
out” in hardware before being taken in. Use this register to make interleave control related settings.
If the DECn data interleave control bit (n = 0–4) is set to "0," the input data is not interleaved using the
corresponding DECn counter. If the DECn data interleave control bit is set to "1," the input data is inter-
leaved or “thinned out” because data is not taken in unless the corresponding DECn counter is in an
underflow state (count value = H'FFFF). If multiple event counters are selected for interleaving control
data by this register, data is taken in for only a capture event that is input while all of the DECn counters
with their interleave control bits set to "1" are in an underflow state.
Note: • The next event occurring after a counter underflow and those that follow are effective as the
capture event.
14.2.7 DIN Input Event Select Register
DIN Input Event Select Register (DINSEL)
<Address: H'0080 200B>
9
101112
13
14
b15
b8
DIN5SL
00
0
0
0
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
8–13
No function assigned. Fix to "0."
00
14, 15
DIN5SL
00: F/F19 (TIO8)
R
W
DIN5 input event select bit
01: F/F8 (TOP8)
10: F/F28 (TOU0_7)
11: F/F36 (TOU1_7)
The value of flip-flop, which is selected by the DIN5SL bit, is fed as an input signal to the DIN5 input
processing circuit.
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com