Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 773 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 773 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 769Page - Renesas Technology Corp 32186 Datasheet HTML 770Page - Renesas Technology Corp 32186 Datasheet HTML 771Page - Renesas Technology Corp 32186 Datasheet HTML 772Page - Renesas Technology Corp 32186 Datasheet HTML 773Page - Renesas Technology Corp 32186 Datasheet HTML 774Page - Renesas Technology Corp 32186 Datasheet HTML 775Page - Renesas Technology Corp 32186 Datasheet HTML 776Page - Renesas Technology Corp 32186 Datasheet HTML 777Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 773 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-25
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
14.2.9 DRI Data Capture Event Count Setting Register
DRI Data Capture Event Count Setting Register (DRIDCAPNUM)
<Address: H'0080 2010>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
DCAPNUM
0000000000000000
b16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
b31
DCAPNUM
0000000000000000
<Upon exiting reset: H'0000 0000>
b
Bit Name
Function
R
W
0–13
No function assigned. Fix to "0."
00
14–31
DCAPNUM
RW
Transfer Event Count
Note: • This register must always be accessed in halfword or word units beginning with even addresses.
This register is used to set the number of events, at occurrence of which data is taken in.
The value set in this register is used as the reload value for the DRI capture event counter(DRIDCAPCT)
and the DRI transfer counter(DRITRMCT). Since the DRI performs data transfers in 32-bit units, make sure
the value set in this register satisfies the requirement given below depending on how DWDSL(input data
bus width select) bits in the DRI Data Capture Control Register(DRIDCAPCNT) are set:
• When selected to be 8 bits, a multiple of 4 (equal to or greater than 4)
• When selected to be 16 bits, a multiple of 2 (equal to or greater than 2)
• When selected to be 32 bits, any value (equal to or greater than 1)
Also be careful that the total amount of captured data will not exceed the RAM area supported by the DRI.
Note: • This register can only be rewritten when DCPEN(capture enable) bit in the DRI Data Capture
Control Register(DRIDCAPCNT) is "0."
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com