Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 776 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 776 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 772Page - Renesas Technology Corp 32186 Datasheet HTML 773Page - Renesas Technology Corp 32186 Datasheet HTML 774Page - Renesas Technology Corp 32186 Datasheet HTML 775Page - Renesas Technology Corp 32186 Datasheet HTML 776Page - Renesas Technology Corp 32186 Datasheet HTML 777Page - Renesas Technology Corp 32186 Datasheet HTML 778Page - Renesas Technology Corp 32186 Datasheet HTML 779Page - Renesas Technology Corp 32186 Datasheet HTML 780Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 776 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-28
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
14.2.12 DRI Address Counters
DRI Address Counter 0 (DRIADR0CT)
<Address: H'0080 2024>
DRI Address Counter 1 (DRIADR1CT)
<Address: H'0080 202C>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
DRIADn
0000000000000000
b16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
b31
DRIADn
0000000000000000
<Upon exiting reset: H'0000 0000>
b
Bit Name
Function
R
W
0–13
No function assigned. Fix to "0."
00
14–29
DRIADn
RW
Destination address A14–A29
30, 31
Destination address A30, A31 (Must always be fixed to "0")
0
0
Note: • This register must always be accessed wordwise (32 bits) beginning with the word boundary(The lower address B’00).
DRI Address Counters 0 and 1 are used to specify the destination address A14–A29 in the internal RAM to
which data is DRI transferred. The address A30–A31 are fixed to "0." The counter is incremented by 4 each
time a DRI transfer finishes. DRI Address Counters have two operation modes to choose from. (For details,
refer to DRI Transfer Control Register(DRITRMCNT).
Notes: • If the DRI address counter value is outside the mapped area of the internal RAM, the
captured data is not written to any location although the DRI behaves as if a DRI transfer
had terminated normally.
• The address counter that is incremented by 4 when a DRI transfer has finished is DRI
Address Counter 0 or 1 whichever is active as set by ADSL(address counter select) bit in
the DRI Transfer Control Register(DRITRMCNT).
• These registers can only be rewritten when the DRI transfer counter(DRITRMCT) is in an
underflow state(H'0000 0000: counter stop).
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com