Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 772 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 772 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 768Page - Renesas Technology Corp 32186 Datasheet HTML 769Page - Renesas Technology Corp 32186 Datasheet HTML 770Page - Renesas Technology Corp 32186 Datasheet HTML 771Page - Renesas Technology Corp 32186 Datasheet HTML 772Page - Renesas Technology Corp 32186 Datasheet HTML 773Page - Renesas Technology Corp 32186 Datasheet HTML 774Page - Renesas Technology Corp 32186 Datasheet HTML 775Page - Renesas Technology Corp 32186 Datasheet HTML 776Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 772 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-24
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
DD Input Enable Register 3 (DRIDDEN3)
<Address: H'0080 200F>
9
10
11
12
13
14
b15
b8
DD24EN DD25EN DD26EN DD27EN DD28EN
00000000
DD29EN DD30EN DD31EN
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
8
DD24EN (DD24 input enable bit)
0: Disable input
R
W
9
DD25EN (DD25 input enable bit)
1: Enable input
10
DD26EN (DD26 input enable bit)
11
DD27EN (DD27 input enable bit)
12
DD28EN (DD28 input enable bit)
13
DD29EN (DD29 input enable bit)
14
DD30EN (DD30 input enable bit)
15
DD31EN (DD31 input enable bit)
The DD Input Enable Register ‘n’ (n = 0–3) controls data input to the DRI by disabling or enabling the data
input. If the DDn input enable bit is set to "0," input to the DRI is always fixed to "0" irrespective of the
corresponding pin input level. If the DDn input enable bit is set to "1," data input to the DRI is taken in
according to the corresponding pin input level.
Figure 14.2.7 schematically shows a DD input block diagram.
Figure 14.2.7 Block Diagram of DD Input
14.2 DRI Related Registers
DDnEN(DDn input enable
)bit
DDn
DDSL bit
DDSL bit
DDj_B
DDjEN(DDj input enable
)bit
DDj_A0
DDj_A1
DDk_B
DDkEN(DDk input enable
)bit
DDk_A
s
s
s
Notes: • j=0 3, k=4 15, n=16 31
•
s :Selecter
DD4-15
(To the data capture unit)
DD16-31
(To the data capture unit)
DD0-3
(To the data capture unit)
DDm
DDj_A0
DDj_A1
DD0-3 input pin select bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com