Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 775 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 775 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 771Page - Renesas Technology Corp 32186 Datasheet HTML 772Page - Renesas Technology Corp 32186 Datasheet HTML 773Page - Renesas Technology Corp 32186 Datasheet HTML 774Page - Renesas Technology Corp 32186 Datasheet HTML 775Page - Renesas Technology Corp 32186 Datasheet HTML 776Page - Renesas Technology Corp 32186 Datasheet HTML 777Page - Renesas Technology Corp 32186 Datasheet HTML 778Page - Renesas Technology Corp 32186 Datasheet HTML 779Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 775 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-27
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
14.2.11 DRI Transfer Counter
DRI Transfer Counter (DRITRMCT)
<Address: H'0080 2018>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
DRICT
0000000000000000
b16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
b31
DRICT
0000000000000000
<Upon exiting reset: H'0000 0000>
b
Bit Name
Function
R
W
0–13
No function assigned. Fix to "0."
00
14–31
DRICT
R–
DRI transfer counter
Note: • This register must always be accessed wordwise (32 bits) beginning with the address of the DRI Transfer Counter (Upper).
The DRI Transfer Counter is an 18-bit counter to count DRI transfers. When DCPEN (capture enable) bit
in DRI Data Capture Control Register(DRIDCAPCNT) changes state from data capture disabled to
enabled, this counter is reloaded with one of the values shown below, depending on how the DRI Data
Capture Event Count Setting Register(DRIDCAPNUM) and DWDSL(input data bus width select) bits in
DRIDCAPCNT register are set.
• When selected to be 8 bits, the value set in the DRI Data Capture Event Count Setting Register
(DRIDCAPNUM) divided by 4
• When selected to be 16 bits, the value set in the DRI Data Capture Event Count Setting Register
(DRIDCAPNUM) divided by 2
• When selected to be 32 bits, the value set in the DRI Data Capture Event Count Setting Register
(DRIDCAPNUM)
If the bus width for the input data from external devices is chosen to be 8 bits, a DRI transfer is executed
every four data capture events detected. Similarly, a DRI transfer is executed every two data capture events
detected if the selected bus width is 16 bits or every data capture event detected if the selected bus width is
32 bits. The counter is decremented by one each time a DRI transfer finishes. Then, when the counter
underflows(H’0000 0000), it stops counting. And Underflow of DRI transfer counter indicates H'0000
0000(counter stop).
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com