Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 778 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 778 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 774Page - Renesas Technology Corp 32186 Datasheet HTML 775Page - Renesas Technology Corp 32186 Datasheet HTML 776Page - Renesas Technology Corp 32186 Datasheet HTML 777Page - Renesas Technology Corp 32186 Datasheet HTML 778Page - Renesas Technology Corp 32186 Datasheet HTML 779Page - Renesas Technology Corp 32186 Datasheet HTML 780Page - Renesas Technology Corp 32186 Datasheet HTML 781Page - Renesas Technology Corp 32186 Datasheet HTML 782Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 778 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-30
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
14.2.14 DIN Input Processing Control Register
DIN Input Processing Control Register (DINCNT)
<Address: H'0080 2030>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
DIN3ED
0000000000000000
DIN0ED
DIN1ED
DIN2ED
DIN4ED
DIN5ED
<Upon exiting reset: H'0000>
b
Bit Name
Function
R
W
0, 1
DIN0ED
00: Input has no effect
R
W
DIN0 event detection control bit
01: Detect on rising edge
2, 3
DIN1ED
10: Detect on falling edge
DIN1 event detection control bit
11: Detect on both edges
4, 5
DIN2ED
DIN2 event detection control bit
6, 7
DIN3ED
DIN3 event detection control bit
8, 9
DIN4ED
DIN4 event detection control bit
10, 11
DIN5ED
DIN5 event detection control bit
12–15
No function assigned. Fix to "0."
00
Note: • This register must always be accessed in halfword (16 bit) units from the halfword boundaries.
These bits specify the event detection of the input signal as it is fed in from devices external to the DRI. The
event detection can be selected from three choices: rising edge, falling edge or both edges. The value ‘00"
(input has no effect) is selected, no events are detected. Table 14.2.3 shows the relationship between
each DINn event detection circuit and the input signals fed in from devices external to the DRI.
Note: • For the DIN3 event detection circuit, the input event signal varies depending on whether
DRI special mode is on or off.
Table 14.2.3 Relationship between Event Detection and Pins
Special Mode OFF
Special Mode ON
DIN0 event detection circuit
P130/TIN16/PWMOFF0/DIN0
DIN1 event detection circuit
P131/TIN17/PWMOFF1/DIN1
DIN2 event detection circuit
P132/TIN18/DIN2
DIN3 event detection circuit
P133/TIN19/DIN3
Output DIN3 divide by 2
DIN4 event detection circuit
P134/TIN20/TXD3/DIN4
DIN5 event detection circuit
Selected by DIN input
event select register
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com