Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 782 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 782 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 778Page - Renesas Technology Corp 32186 Datasheet HTML 779Page - Renesas Technology Corp 32186 Datasheet HTML 780Page - Renesas Technology Corp 32186 Datasheet HTML 781Page - Renesas Technology Corp 32186 Datasheet HTML 782Page - Renesas Technology Corp 32186 Datasheet HTML 783Page - Renesas Technology Corp 32186 Datasheet HTML 784Page - Renesas Technology Corp 32186 Datasheet HTML 785Page - Renesas Technology Corp 32186 Datasheet HTML 786Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 782 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-34
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 14.2.8 Example DEC Count Operation in Single-shot Mode
• Single-shot Mode
When DECnEN(DECn count enable) bit changes from "disabled" to "enabled," the DECn
counter(DECnCT) is loaded with the content of the DECn reload register(DECnRLD). Thereafter,
the counter counts down each time the event selected by the DECnCS (DECn count event select)
bit occurs. When event occurrences equal to the DECn Reload Register(DECnRLD) set value + 1
have been counted, the counter underflows (count value = H’FFFF) and stops counting, at which
time DECnEN(DECn count enable) bit is cleared to "0."
Notes: • The reload value loaded into the counter cannot be read out while count is enabled. If the
counter is accessed for read, the count value before being reloaded is read out.
• If the count is enabled by an external event at the same time the count source occurs, the
count enable bit is set to "1" by the external event, but the counter does not count.
• If the counter stops counting upon underflowing at the same time count is enabled by an
external event, the former has priority so that the counter stops.
• If the count is enabled by external event at the same time the count enable bit is disabled by
writing 0 in software, the latter has priority so the count is disabled.
Event count value = 6
5
Reload
Note 1: The reload value loaded into the counter cannot be read out while count is enabled.
If the counter is accessed for read, the count value before being reloaded is read out.
Note:
• This diagram does not show detailed timing information.
(5)
4
3
2
1
0
H'FFFF
(Note 1)
Count source
Count enable
Counter
Reload
Underflow signal
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com