Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 783 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 783 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 779Page - Renesas Technology Corp 32186 Datasheet HTML 780Page - Renesas Technology Corp 32186 Datasheet HTML 781Page - Renesas Technology Corp 32186 Datasheet HTML 782Page - Renesas Technology Corp 32186 Datasheet HTML 783Page - Renesas Technology Corp 32186 Datasheet HTML 784Page - Renesas Technology Corp 32186 Datasheet HTML 785Page - Renesas Technology Corp 32186 Datasheet HTML 786Page - Renesas Technology Corp 32186 Datasheet HTML 787Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 783 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-35
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
2
Reload
Reload
3
2
1
0
H'FFFF
1
0
H'FFFF
1
(Note 1)
(Note 1)
Event count value = 4
Event count value = 3
Note 1: The reload value loaded into the counter cannot be read out while reload is generated.
If the counter is accessed for read, H'FFFF (underflow value) is read out.
Note:
• This diagram does not show detailed timing information.
Count source
Count enable
Counter
Reload
Underflow signal
Figure 14.2.9 Example DEC Count Operation in Continuous Mode
14.2 DRI Related Registers
• Continuous Operation Mode
When DECnEN(DECn count enable) bit is enabled, the counter starts counting down from the DECn
counter(DECnCT) set value each time the event selected by the DECnCS (DECn count event select)
bit occurs. Then, when the DECn counter(DECnCT) underflows (counter value = H'FFFF), the counter
is reloaded with the value of the DECn reload register(DECnRDL). Thereafter, this operation is re-
peated each time the DECn counter(DECnCT) underflows.
Notes: • When a reload occurs, the value reloaded into the counter cannot be read out. If the
counter is accessed for read, H'FFFF (underflow value) is read out.
• If the count is enabled by an external event at the same time the count source occurs, the
count enable bit is set to "1" by the external event, but the counter does not count.
• If the count is enabled by external event at the same time DECnEN(count enable) bit is
disabled by writing 0 in software, the latter has priority so the count is disabled.
• When reload and writing to counter are occured at same time, writing to counter has
priority. Interrupt by DECn counter underflow is not occured at that time.
• When count source and writing to counter are occured at same time, writing to counter has
priority. Count source is ignored at that time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com