Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 781 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 781 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 777Page - Renesas Technology Corp 32186 Datasheet HTML 778Page - Renesas Technology Corp 32186 Datasheet HTML 779Page - Renesas Technology Corp 32186 Datasheet HTML 780Page - Renesas Technology Corp 32186 Datasheet HTML 781Page - Renesas Technology Corp 32186 Datasheet HTML 782Page - Renesas Technology Corp 32186 Datasheet HTML 783Page - Renesas Technology Corp 32186 Datasheet HTML 784Page - Renesas Technology Corp 32186 Datasheet HTML 785Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 781 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-33
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
DEC4 Control Register (DEC4CNT)
<Address: H'0080 204A>
123456
b7
b0
DEC4EN
DEC4EXT
DEC4MOD
000000
0
DEC4CS
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
0
DEC4EN
0: Disable count
R
W
DEC4 count enable bit
1: Enable count
1–3
DEC4EXT
0XX: Disable external source
R
W
DEC4 count enable source select bit
100: DIN0 event detection
101: DIN1 event detection
110: DEC3 underflow
111: Capture enable
4, 5
DEC4CS
00: DIN4 event detection
R
W
DEC4 count event select bit
01: Capture event
10: One DRI transfer completed
11: DRI transfer counter underflow
6
No function assigned. Fix to "0."
00
7
DEC4MOD
0: Single-shot mode
R
W
DEC4 operation mode select bit
1: Continuous operation mode
These registers are used to control the internal event counters DECn of the DRI.
(1) DECnEN (DECn Count Enable) bit (Bit 0)
This bit controls DECn count operation by enabling or disabling the count operation. This bit can be
set to "1" by an external event. Furthermore, if single-shot operation mode is selected, this bit is
cleared to "0" in hardware by a DECn counter underflow.
[Set condition to "1"]
• When explicitly set by writing "1" in software
• When the event selected by DECnEXT(DECn count enable source select) bit occurs
[Clear condition to "0"]
• When explicitly cleared by writing "0" in software
• When DECn counter underflows while operating in single-shot mode
Note: • If an external source is selected by DECnEXT(DECn count enable source select) bit,
this bit cannot be set by writing "1" in software.
(2) DECnEXT (DECn Count Enable Source Select) bits (Bits 1–3)
If DECn counter(DECnCT) needs to be enabled for counting by an external event, use these bits to select
the count enable source. When an event is detected by the selected source, DECnEN(DECn count en-
able) bit is set to "1."
(3) DECnCS (DECn Count Event Select) bits (Bits 4, 5)
These bits select the event that causes DECn counter(DECnCT) to count. When the event selected from
factor that DECnEN(DECn count enable) bit = "1" is detected, the count value of DECn counter(DECnCT)
is decremented by one.
(4) DECnMOD (DECn Operation Mode Select) bit (Bit 7)
This bit selects operation mode of DECn counter(DECnCT).
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com