Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 784 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 784 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 780Page - Renesas Technology Corp 32186 Datasheet HTML 781Page - Renesas Technology Corp 32186 Datasheet HTML 782Page - Renesas Technology Corp 32186 Datasheet HTML 783Page - Renesas Technology Corp 32186 Datasheet HTML 784Page - Renesas Technology Corp 32186 Datasheet HTML 785Page - Renesas Technology Corp 32186 Datasheet HTML 786Page - Renesas Technology Corp 32186 Datasheet HTML 787Page - Renesas Technology Corp 32186 Datasheet HTML 788Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 784 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-36
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
14.2.16 DRI Event Counters (DEC Counters)
DEC0 Counter (DEC0CT)
<Address: H'0080 2036>
DEC1 Counter (DEC1CT)
<Address: H'0080 203C>
DEC2 Counter (DEC2CT)
<Address: H'0080 2042>
DEC3 Counter (DEC3CT)
<Address: H'0080 2048>
DEC4 Counter (DEC4CT)
<Address: H'0080 204E>
b0
123456789
10
11
12
13
14
b15
DECnCT
0000000000000000
<Upon exiting reset: H'0000>
b
Bit Name
Function
R
W
0–15
DECnCT
RW
DECn counter
Note: • This register must always be accessed in halfword (16 bits) units from the halfword boundaries.
The DECn Counter, which is a 16-bit down counter, starts counting synchronously with event detection
after count is enabled. When DECn counter is used in one-shot mode, do not write to the DECn counter
while count is enabled.
14.2.17 DRI Event Counter (DEC) Reload Registers
DEC0 Reload Register (DEC0RLD)
<Address: H'0080 2034>
DEC1 Reload Register (DEC1RLD)
<Address: H'0080 203A>
DEC2 Reload Register (DEC2RLD)
<Address: H'0080 2040>
DEC3 Reload Register (DEC3RLD)
<Address: H'0080 2046>
DEC4 Reload Register (DEC4RLD)
<Address: H'0080 204C>
b0
123456789
10
11
12
13
14
b15
DECnRL
0000000000000000
<Upon exiting reset: H'0000>
b
Bit Name
Function
R
W
0–15
DECnRL
RW
DECn reload value
Note: • This register must always be accessed in halfword (16 bits) units from the halfword boundaries.
The DECn Reload Register is used to reload the DECn counter(DECnCT) with data. The counter is
reloaded with the content of the reload register in the following cases:
• When count is enabled while being disabled in single-shot mode
• When the DECn counter(DECnCT) underflows while operating in continuous operation mode
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com