Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 788 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 788 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 784Page - Renesas Technology Corp 32186 Datasheet HTML 785Page - Renesas Technology Corp 32186 Datasheet HTML 786Page - Renesas Technology Corp 32186 Datasheet HTML 787Page - Renesas Technology Corp 32186 Datasheet HTML 788Page - Renesas Technology Corp 32186 Datasheet HTML 789Page - Renesas Technology Corp 32186 Datasheet HTML 790Page - Renesas Technology Corp 32186 Datasheet HTML 791Page - Renesas Technology Corp 32186 Datasheet HTML 792Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 788 / 1032 page
background image
REAL TIME DEBUGGER (RTD)
15
15-2
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
15.1 Outline of Real-Time Debugger (RTD)
The Real-Time Debugger (RTD) is a serial interface through which to read or write to any location in the
entire area of the internal RAM by using commands from outside the microcomputer. Because data transfers
between the RTD and internal RAM are performed via a dedicated internal bus independently of the M32R-
FPU, RTD operation can be controlled without the need to stop the M32R-FPU.
Table 15.1.1 Outline of the Real-Time Debugger (RTD)
Item
Description
Transfer method
Clock-synchronous serial interface
Generation of transfer clockGenerated by external host
RAM access area
Entire area of the internal RAM (controlled by A14–A29)
Transmit/receive data length
32 bits (fixed)
Bit transfer sequence
LSB first
Maximum transfer rate
2 Mbits/second
Input/output pins
4 pins (RTDTXD, RTDRXD, RTDACK, RTDCLK)
Number of commands
Following five functions
• Monitor continuously
• Output real-time RAM content
• Forcibly rewrite RAM content (with verify)
• Recover from runaway condition
• Request RTD interrupt
Figure 15.1.1 Block Diagram of the Real-Time Debugger (RTD)
15.1 Outline of Real-Time Debugger (RTD)
Control Circuit
Commands
Data
Data
Address
Address
Data
RTD Control Circuit
Entire Area of
Internal RAM
M32R-FPU
Core
Address
Data
Bus Switching Circuit
RTDCLK
RTDCLK
RTDACK
RTDTXD
RTDRXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com