Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 789 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 789 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 785Page - Renesas Technology Corp 32186 Datasheet HTML 786Page - Renesas Technology Corp 32186 Datasheet HTML 787Page - Renesas Technology Corp 32186 Datasheet HTML 788Page - Renesas Technology Corp 32186 Datasheet HTML 789Page - Renesas Technology Corp 32186 Datasheet HTML 790Page - Renesas Technology Corp 32186 Datasheet HTML 791Page - Renesas Technology Corp 32186 Datasheet HTML 792Page - Renesas Technology Corp 32186 Datasheet HTML 793Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 789 / 1032 page
background image
REAL TIME DEBUGGER (RTD)
15
15-3
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
15.2 Pin Functions of RTD
Pin Functions of the RTD are shown below.
Table 15.2.1 Pin Functions of the RTD
Pin Name
Type
Function
RTDTXD
Output
RTD serial data output
RTDRXD
Input
RTD serial data input
RTDACK
Output
Output “L” level pulse synchronously with the beginning clock edge of the output data word.
The width of this pulse indicates the type of instruction or data the RTD has received.
1 clock period: VER (continuous monitor) command
1 clock period: VEI (RTD interrupt request) command
2 clock periods: RDR (real-time RAM content output) command
3 clock periods: WRR (RAM content forcible rewrite) command or the data to rewrite
4 clock periods or more: RCV (recover from runaway) command
RTDCLK
Input
RTD transfer clock input
15.3 RTD Related Register
The Table below shows an RTD related register map.
RTD Related Register Map
Address
+0 address
+1 address
See
b0
b7 b8
b15
page
H'0080 077A
(Use inhibited area)
RTD Write Function Disable Register
15-3
(WRRDIS)
15.3.1 RTD Write Function Disable Register
RTD Write Function Disable Register (WRRDIS)
<Address:H'0080 077B>
9
10
11
12
13
14
b15
b8
RTDWR
DIS
0
0
0
0
0
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
8–14
No function assigned. Fix to "0."
00
15
RTDWRDIS
0: Enable RTD RAM write function
R
W
RTD RAM write function disable bit
1: Disable RTD RAM write function
This register selects whether to enable or disable the RTD function for writing to RAM.
Setting the RTDWRDIS bit to "1" disables the RTD function for writing to RAM, so that even when the RTD
receives a command for write to RAM, the command is ignored and no data is written to RAM.
Note: • Settings of this register cannot be altered while the RTD is in use.
15.2 Pin Functions of RTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com