Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 793 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 793 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 789Page - Renesas Technology Corp 32186 Datasheet HTML 790Page - Renesas Technology Corp 32186 Datasheet HTML 791Page - Renesas Technology Corp 32186 Datasheet HTML 792Page - Renesas Technology Corp 32186 Datasheet HTML 793Page - Renesas Technology Corp 32186 Datasheet HTML 794Page - Renesas Technology Corp 32186 Datasheet HTML 795Page - Renesas Technology Corp 32186 Datasheet HTML 796Page - Renesas Technology Corp 32186 Datasheet HTML 797Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 793 / 1032 page
background image
REAL TIME DEBUGGER (RTD)
15
15-7
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
15.4.4 Operation of VER (Continuous Monitor)
When the VER (continuous monitor) command is issued, the RTD outputs the data from the address that has
been accessed by an instruction (either read or write) immediately before receiving the VER command.
Figure 15.4.6 VER (Continuous Monitor) Command Data Format
32 clock
periods
RDR(A1)
VER
2 clock periods
RTDCLK
RTDRXD
RTDTXD
RTDACK
D (A1)
Read value
D (A1)
Latest read value
(Note 1)
VER
Note 1: WRR command can also be used.
Notes: • (An) = Specified address
• D(An) = Data at specified address (An)
32 clock
periods
32 clock
periods
32 clock
periods
Figure 15.4.7 Operation of the VER (Continuous Monitor) Command
15.4.5 Operation of VEI (Interrupt Request)
When the VEI (interrupt request) command is issued, the RTD generates an interrupt request. Furthermore, the
RTD outputs the data from the address that has been accessed by an instruction (either read or write) immediately
before receiving the VEI command.
31
X0
0
0
0
19 18 17 16
XX
15 14
0
X
20
Command (VER)
Note: • X = Don't care.
(However, if issued immediately after the RCV command, bits 20-31 must all be set to "1.")
RTDRXD
X
(MSB side)
(LSB side)
Figure 15.4.8 VEI (Interrupt Request) Command Data Format
31
X
011
0
19 18 17 16
XX
15 14
0
X
20
VEI (interrupt request generation) command
RTDRXD
X
Note: • X = Don't care.
(However, if issued immediately after the RVC command, bits 20-31 must all be set to "1.")
(MSB side)
(LSB side)
15.4 Functional Description of RTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com