Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 796 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 796 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 792Page - Renesas Technology Corp 32186 Datasheet HTML 793Page - Renesas Technology Corp 32186 Datasheet HTML 794Page - Renesas Technology Corp 32186 Datasheet HTML 795Page - Renesas Technology Corp 32186 Datasheet HTML 796Page - Renesas Technology Corp 32186 Datasheet HTML 797Page - Renesas Technology Corp 32186 Datasheet HTML 798Page - Renesas Technology Corp 32186 Datasheet HTML 799Page - Renesas Technology Corp 32186 Datasheet HTML 800Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 796 / 1032 page
background image
REAL TIME DEBUGGER (RTD)
15
15-10
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
15.4.8 Resetting RTD
The RTD is reset by applying a system reset (i.e., RESET# signal input). The status of the RTD related
output pins upon exiting system reset are shown below.
Table 15.4.2 RTD Pin Status Upon Exiting System Reset
Pin Name
Status
RTDACK
“H” level output
RTDTXD
“H” level output
The first command transfer to the RTD after being reset is initiated by transferring data to the RTDRXD pin
synchronously with the falling edge of RTDCLK.
32 clock
periods
Don't Care
RDR(A1)
RTDCLK
RTDRXD
RTDTXD
RTDACK
RESET#
System
reset
"H"
RDR(A2)
FFFF FFFF
FFFF FFFF
D(A2)
Notes: • (An) = Specified address
• D(An) = Data at specified address (An)
"H"
D(A1)
32 clock
periods
32 clock
periods
32 clock
periods
Figure 15.4.13 Command Transfer to the RTD after System Reset
15.4 Functional Description of RTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com