| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 797 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 797 Page - Renesas Technology Corp |
|
797 / 1032 page ![]() REAL TIME DEBUGGER (RTD) 15 15-11 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 (8 bits) Check that the RTDACK signal is "L." RTDCLK RTDRXD RTDTXD RTDACK Transfer of one frame (32 bits) 12 Transfer of the next frame (8 bits) (8 bits) Figure 15.5.2 Example of Communication with the Host (when Using VER Command) 15.5 Typical Connection with Host 15.5 Typical Connection with Host The host uses a serial synchronous interface to transfer data. The clock for synchronous communication should be generated by the host. An example for connecting the RTD and host is shown below. Figure 15.5.1 Connecting the RTD and Host The RTD communication is performed in a fixed length of 32 bits per frame. Because serial interfaces gener- ally handle data in 8-bit units, data is transferred separately in four operations, 8 bits at a time. The RTDACK signal is used to verify that communication is performed normally. The RTDACK signal goes 0 “L” after a command is sent, providing a means of verifying the communication status. When issuing the VER command, the RTDACK signal is pulled “L” for only one clock period. There- fore, after sending 32 bits in one frame via a serial interface, turn off RTDCLK output and check that RTDACK is “L.” That way, it is possible to know whether the RTD is communicating normally. If it is desirable to identify the type of transmitted command by the width of RTDACK, use the microcomputer’s internal measurement timer (to count RTDCLK pulses while RTDACK is “L”), or design a dedicated circuit. RTDRXD RTDTXD RTDCLK RTDACK M32R/ECU Host microprocessor RXD TXD SCLK PORT (Note 1) Note 1: This applies to the case where the RTDACK level is checked between transfer frames. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |