Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 800 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 800 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 796Page - Renesas Technology Corp 32186 Datasheet HTML 797Page - Renesas Technology Corp 32186 Datasheet HTML 798Page - Renesas Technology Corp 32186 Datasheet HTML 799Page - Renesas Technology Corp 32186 Datasheet HTML 800Page - Renesas Technology Corp 32186 Datasheet HTML 801Page - Renesas Technology Corp 32186 Datasheet HTML 802Page - Renesas Technology Corp 32186 Datasheet HTML 803Page - Renesas Technology Corp 32186 Datasheet HTML 804Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 800 / 1032 page
background image
16
NON-BREAK DEBUG (NBD)
16-2
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
16.1 Outline of Non-Break Debug (NBD)
16.1 Outline of Non-Break Debug (NBD)
Non-Break Debug (NBD) has the RAM monitor and event output functions. A dedicated DMA is incorporated
in NBD, so that accesses to the internal RAM, etc. are accomplished using this DMA.
(1) RAM monitor function
This function is provided for reading and writing to and from all resources connected to the internal/
external buses mapped in the address space. It allows the RAM data, etc. to be referenced and
altered. Furthermore, accesses to the address space used exclusively for NBD (i.e., NBD space) are
accomplished using this function.
(2) Event output function
Upon detecting access to a preset address, this function outputs "L" level signal from the NBDEVNT#
pin. A specific address and read/write access can be specified as the event occurrence condition.
Table 16.1.1 Outline of the Non-Break Debug (NBD)
Item
Content
Transfer method
Clock-synchronous parallel interface (4 bits)
Transfer clock generation
Generated by external host
Access area
All areas in the address map and NBD space
Access size
8, 16 or 32 bits (for NBD space, fixed to 8 bits)
Maximum transfer rate
12.5MHz
Input/output pins
7 pins (NBDD3–NBDD0, NBDCLK, NBDSYNC#, NBDEVNT#)
Functions
• RAM monitor function (Note 1)
• Event output function
Number of events set
1 event
Note 1: Accessible to all resources connected to the internal/external buses as well as RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com