Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 804 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 804 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 800Page - Renesas Technology Corp 32186 Datasheet HTML 801Page - Renesas Technology Corp 32186 Datasheet HTML 802Page - Renesas Technology Corp 32186 Datasheet HTML 803Page - Renesas Technology Corp 32186 Datasheet HTML 804Page - Renesas Technology Corp 32186 Datasheet HTML 805Page - Renesas Technology Corp 32186 Datasheet HTML 806Page - Renesas Technology Corp 32186 Datasheet HTML 807Page - Renesas Technology Corp 32186 Datasheet HTML 808Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 804 / 1032 page
background image
16
NON-BREAK DEBUG (NBD)
16-6
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
16.3 NBD Related Registers
The following shows an NBD related register map. Some NBD-related registers are located in the address map
(CPU space), and others are located in another area that is used exclusively for NBD (i.e., NBD space). The
NBD space is addressed by 12 bits, and is accessed in a fixed size of 8 bits. Furthermore, the NBD space is
constructed to be accessible from only the dedicated NBD interface, and cannot be accessed from the CPU.
Table 16.3.1 NBD Related Register Map
Space
Address
Register Name
R/W
Upon exiting reset
CPU
H'E000 0000
NBD enable register (NBDENB)
R/W
H'00
H'E000 0004
NBD pin control register (NBDCNT)
R/W
H'00
H'E000 0008
Event generation register (NEVNTGEN)
W
Indefined
NBD
H'800
Event address setting register (EVTU_A)
R/W
Indefined
H'801
H'802
H'803
H'820
Event condition setting register (EVTU_C)
R/W
Indefined
16.3.1 NBD Enable Register
NBD Enable Register (NBDENB)
<Address: H'E000 0000>
123456
b7
b0
NBDENP
NBDEN
00
0
0
0
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
0–5
No function assigned. Fix to "0."
00
6
NBDENP
0W
NBDEN write control bit
7
NBDEN
0: Disable NBD operation
R
W
NBD operation enable bit
1: Enable NBD operation
Notes: • Allow for an interval time of 20 CPUCLK cycles or more before altering the value of the NBDEN bit.
• If the NBDEN bit is reenabled after being disabled, a finite time of 20 CPUCLK cycles is required before the NBD becomes operational.
• The value of the NBDEN bit can only be altered when the NBDSET bit in the NBD Pin Control Register = "0" (NBD-related
pins set for other than the NBD function).
The NBDEN bit selects to enable or disable the NBD functions. When NBDEN = "0," the NBD is in a reset
state, so that the content of each register is reset to the initial value. To use the NBD functions, this bit
should be set to "1" before setting other NBD registers.
When the NBDEN bit = "0," accessing not just the NBDENB register, but any other NBD registers (in either
the CPU or the NBD space) is prohibited.
To set the register, follow the procedure described below.
1. Write a "1" to NBDENP bit.
2. Subsequent to 1 above, write a "0" to NBDENP bit and a "0" or "1" to NBDEN bit.
Notes: • If theare are writing cycles from CPU, DMA, SDI (tool), NBD to any other area between 1 and
2, the continuous setting ( A pair of two consecutive is 1 set for writing operation) is disabled
and the writing value is not reflected. Therefore, disable interrupts and DMA transfers
before setting. However the writing cycle from RTD and DRI are not effected.
• The setting procedure of NBDEN bit is same as that of NBDSET bit shown in Figure 16.2.1.
16.3 NBD Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com