Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 806 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 806 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 802Page - Renesas Technology Corp 32186 Datasheet HTML 803Page - Renesas Technology Corp 32186 Datasheet HTML 804Page - Renesas Technology Corp 32186 Datasheet HTML 805Page - Renesas Technology Corp 32186 Datasheet HTML 806Page - Renesas Technology Corp 32186 Datasheet HTML 807Page - Renesas Technology Corp 32186 Datasheet HTML 808Page - Renesas Technology Corp 32186 Datasheet HTML 809Page - Renesas Technology Corp 32186 Datasheet HTML 810Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 806 / 1032 page
background image
16
NON-BREAK DEBUG (NBD)
16-8
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Output
Input
NBDCLK
NBDSYNC#
0001
Ready
NBDD3–NBDD0
Not Ready
Ready
Ready
Note 1: When input adress from NBDD0 – NBDD3 is completed, plug sence packet is outputted though high impedance period of 1NBDCLK.
Note 2: After "H" level detection by rising NBDCLK, read out data (read data packet)is outputted from next NBDCLK rising.
Note: •
:Sampling point
0000
SIZ1, SIZ0,
R/W, I/T
A0–A3
Hi-Z
D28–D31
D0–D3
A28–A31
Hi-Z
Hi-Z
0000
0001
0001
(Note 1)
(Note 2)
Figure 16.5.2 Example of Write Operation (for 32-Bit Write to the CPU Space)
16.5 RAM Monitor Function
16.5.1 Description of NBD Operation
Figure 16.5.1 shows an example of read operation of the NBD. Figure 16.5.2 shows an example of write
operation of the NBD. When input to the NBDSYNC# pin is pulled "L," the NBD starts taking in a command
packet from NBDD3–NBDD0 in the format shown in Figure 16.4.1. When the command packet input finishes,
the NBD starts reading/writing to or from the address specified in the address field. When the NBD finishes
receiving a command packet, it starts outputting data from NBDD3–NBDD0 in the format shown in Figure
16.4.2 after the data bus is temporarily placed in the high-impedance (Hi-Z) state for 1 NBDCLK cycle. While
input to the NBDSYNC# pin is held "L," NBDD3–NBDD0 are in a flag sense state, in which they output Not
Ready (0000) during a read/write operation or Ready (0001) when the operation has finished.
During a read, when input to the NBDSYNC# pin is released back high after detecting Ready, the read data
(read data packet) is output (Figure 16.5.1).Also, during writing when input "H" level to NBDSYNC# pin after
Ready detection, it is changed to high impedance status by next NBDCLK rising after "H" level detection by
rising NBDCLK. (Figure 16.5.2)
Before a next command packet can be transmitted, input to the NBDSYNC# pin must be held "H" for at least
2 NBDCLK cycles.
Output
Input
NBDCLK
NBDSYNC#
NBDD3–NBDD0
0001
Not Ready
Ready
Ready
Not Ready
Ready
Ready
(Note 2)
(Note 1)
Hi-Z
0000
SIZ1, SIZ0,
R/W, I/T
Hi-Z
A28–A31
A0–A3
Hi-Z
0000
0001
D4–D7
D0–D3
0001
Note 1: When input adress from NBDD0 – NBDD3 is completed, plug sence packet is outputted though high impedance period of 1NBDCLK.
Note 2: After "H" level detection by rising NBDCLK, read out data (read data packet)is outputted from next NBDCLK rising.
Note: •
: Sampling point
Figure 16.5.1 Example of Read Operation (for 8-Bit Read from the CPU Space)
16.5 RAM Monitor Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com