Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 809 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 809 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 805Page - Renesas Technology Corp 32186 Datasheet HTML 806Page - Renesas Technology Corp 32186 Datasheet HTML 807Page - Renesas Technology Corp 32186 Datasheet HTML 808Page - Renesas Technology Corp 32186 Datasheet HTML 809Page - Renesas Technology Corp 32186 Datasheet HTML 810Page - Renesas Technology Corp 32186 Datasheet HTML 811Page - Renesas Technology Corp 32186 Datasheet HTML 812Page - Renesas Technology Corp 32186 Datasheet HTML 813Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 809 / 1032 page
background image
16
NON-BREAK DEBUG (NBD)
16-11
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
EVTU_A, EVTU_C
information
Address bus,
R/W signal information
Output "L" when
a match is detected
NBDEVNT# pin
Also output "L"
by writing any data
NEVNTGEN
Register
Comparate
circuit
Output "L" for 2BCLK
Figure 16.6.1 NBDEVNT# Pin Configuration
16.6 Event Detection Function
The NBD has the function to output an event occurrence when there is a matching address accessed for read/write in the
CPU space. The event output is active "L," and is asserted synchronously with BCLK for a period of 2 BCLK cycles.
The NBDEVNT# pin also can output "L" level signal for 2 BCLK cycles when the NEVNTGEN register located in
the CPU space is accessed for write. Output from the NBDEVNT# pin is generated by matching the above-
mentioned address or a write access to the NEVNTGEN register
Figure 16.6.1 shows the structure of the NBDEVNT# pin.
16.6.1 Event Address Setting Register
Event Address Setting Register (EVTU_A)
<Address: H'800–H'803 (NBD space)>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
EVTU_A
????????????????
b16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
b31
EVTU_A
??????????????
0
0
<Upon exiting reset: Undefined>
b
Bit Name
Function
R
W
0–29
EVTU_A
Specify the target address A0–A29 for event detection
R
W
30, 31
No function assigned. Fix to "0."
00
Notes: • In the NBDEN bit of NBD enable register (NBDENB), AVTU_A bit value becomes indefinite after setting from "0" (disable
NBD operation) to "1"(enable NBD operation).
• After enabling NBD operation(after setting "1"in NBDEN bit of NBDENB register), an indefinite value is outputted from
NBDEVENT# pin in NBD pin control register(NBDCNT) during the period of time from setting NBD-related pins to NBD
function to setting value of EVTU_A and EVTU_C are effective(period of time from Ready status to after 3NBDCLK).
• During event detection function is used, when the setting value of EVTU_A register or EVTU_C register is changed, the
event detection result by the changed setting conditions becomes effective after 3NBDCLK from setting EVTU_A
register or EVTU_C register (at the time of being Ready state in flag sense period).
16.6 Event Detection Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com