Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 808 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 808 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 804Page - Renesas Technology Corp 32186 Datasheet HTML 805Page - Renesas Technology Corp 32186 Datasheet HTML 806Page - Renesas Technology Corp 32186 Datasheet HTML 807Page - Renesas Technology Corp 32186 Datasheet HTML 808Page - Renesas Technology Corp 32186 Datasheet HTML 809Page - Renesas Technology Corp 32186 Datasheet HTML 810Page - Renesas Technology Corp 32186 Datasheet HTML 811Page - Renesas Technology Corp 32186 Datasheet HTML 812Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 808 / 1032 page
background image
16
NON-BREAK DEBUG (NBD)
16-10
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
3) Address field
Bit Name
Function
Content
A0–A31
Specify address
A0–A31 should be specified in big endian format (A0 = MSB).
When accessing NBD space: specify with 12 bits of A0–A11
When accessing CPU space: specify with 32 bits of A0–A31
4) Write data field
Bit Name
Function
Content
D0–D31
Specify write data
D0–D31 should be specified in big endian format (D0 = MSB).
The necessary number of bits varies depending on how the R/W bit
and SIZ1–SIZ0 bits in the control field are set.
(See Table 16.5.1 Bit Assignments of a Command Packet)
(2) Flag sense packet (output)
Table 16.5.2 Bit Assignments of a Flag Sense Packet
Bit Name
Function
Content
RFLG
Indicates that the internal operation of
0: Not Ready
NBD is completed
1: Ready
(3) Read data packet (output)
Table 16.5.3 Bit Assignments of a Read Data Packet
16.5 RAM Monitor Function
Note 1: When the NBD space access is selected, only 8-bit access is accepted.
Bit Name
Function
Content
D0–D31
Output read data
D0–D31 should be specified in big endian format (D0 = MSB).
The number of bits to be output varies depending on how the R/W
bit and SIZ1–SIZ0 bits in the control field are set.
(See Table 16.5.3 Bit Assignments of a Read Data Packet)
NBDD2
NBDD1
NBDD3
00
0
NBDD0
RFLG
Bit arrangement
First
Last
Output
order
NBDD1
NBDD0
Bit arrangement
When accesing NBD space
NBDD3
NBDD2
During write
During
32-bit write
During
8-bit write
During
16-bit write
During
write
When accesing CPU space
D30
D31
D28
D29
D26
D27
D24
D25
D22
D23
D20
D21
D10
D11
D8
D9
D6
D7
D4
D5
D2
D3
D0
D1
During read
(Note 1)
D18
D19
D16
D17
D14
D15
D12
D13
-
√
-
--
-
-
√
-
--
-
-
√
-
--
-
-
√
-
√
-
-
-
√
√√
-
√
-
√
√√
-
√
-
√
-
--
-
-
√
-
√
-
-
√ : Necessary, -: Unnecessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com