Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 813 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 813 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 809Page - Renesas Technology Corp 32186 Datasheet HTML 810Page - Renesas Technology Corp 32186 Datasheet HTML 811Page - Renesas Technology Corp 32186 Datasheet HTML 812Page - Renesas Technology Corp 32186 Datasheet HTML 813Page - Renesas Technology Corp 32186 Datasheet HTML 814Page - Renesas Technology Corp 32186 Datasheet HTML 815Page - Renesas Technology Corp 32186 Datasheet HTML 816Page - Renesas Technology Corp 32186 Datasheet HTML 817Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 813 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-3
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(6) Data Bus (DB0–DB15)
This is the 16-bit bus used to access external devices. During external read access, data is latched from the
bus synchronously with the rising edge of the read strobe. Even during 8-bit read, 16-bit data is always read
in, but data only on the valid byte position is transferred into the internal circuit. During external write access,
data is output from the bus. During 8-bit write, the valid byte position to write is indicated by the output signal
BHW# or BLW#. When accessing the internal area, the bus functions as an input bus.
Note: • During external extension mode, these pins are switched for port upon exiting reset. Their pin
functions must be set for data bus using the corresponding Port Operation Mode Register as
necessary.
(7) System Clock/Write (CLKOUT/WR#)
The pin function changes depending on the Bus Mode Control Register (BUSMODC).
When BUSMOD = "0" and this signal is System Clock (CLKOUT), the system clock necessary to synchro-
nize operations in external systems is output from the pin. If the CPU clock is 80 MHz, and the CLKOSEL
(CLKOUT select) bit in the CLKOUT select register is set to “0,” a 10 MHz clock is output; if the CLKOSEL
bit is set to “1,” a 20 MHz clock is output. Furthermore, if the CLKOUT/WR# function is unused, and P70MD
in the P7 Operation Mode Register is cleared to “0,” the pin can be used as P70; if P150MD in the P15
Operation Mode Register is cleared to “0,” the pin can be used as P150.
When BUSMOD = "1" and this signal is Write (WR#), during external write access it indicates the valid data
transferred on the data bus. During external read cycle and when accessing the internal area it outputs "H."
Note: • During external extension mode, this pin is switched for port upon exiting reset. Its pin function must
be set for system clock/write using the corresponding Port Operation Mode Register as necessary.
(8) Wait (WAIT#)
When an external bus cycle is started, it automatically inserts wait states while the WAIT# input signal is
asserted. For details, see Chapter 18, “Wait Controller.” If the WAIT function is unused, and P71MD in the
P7 Operation Mode Register is cleared to “0,” the pin can be used as P71; if P153MD in the P15 Operation
Mode Register is cleared to “0,” the pin can be used as P153.
Note: • During external extension mode, this pin is switched for port upon exiting reset. Its pin function
must be set for wait using the corresponding Port Operation Mode Register as necessary.
(9) Hold Control (HREQ#, HACK#)
The hold state means internal bus and external bus stop accessing the bus and the bus interface related
pins are tristated (high impedance). While the microcomputer is in a hold state, any bus master external to
the chip can use the system bus to transfer data. Even during hold status the command in which command
que is done though, if the command with access to bus is done, the command performance operation is
stopped at that time.
"L" signal input on the HREQ# pin places the microcomputer into a hold state. While the microcomputer
remains in a hold state after accepting the hold request and during a transition to the hold state, the HACK#
pin outputs "L" level signal. To exit the hold state and return to normal operating state, release the HREQ#
signal back "H."
Note: • During external extension mode, these pins are switched for port upon exiting reset. Their pin functions
must be set for hold control using the corresponding Port Operation Mode Register as necessary.
17.1 Outline of External Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com