Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 814 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 814 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 810Page - Renesas Technology Corp 32186 Datasheet HTML 811Page - Renesas Technology Corp 32186 Datasheet HTML 812Page - Renesas Technology Corp 32186 Datasheet HTML 813Page - Renesas Technology Corp 32186 Datasheet HTML 814Page - Renesas Technology Corp 32186 Datasheet HTML 815Page - Renesas Technology Corp 32186 Datasheet HTML 816Page - Renesas Technology Corp 32186 Datasheet HTML 817Page - Renesas Technology Corp 32186 Datasheet HTML 818Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 814 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(10) Peripheral clock (BCLK)
The peripheral clock is output from the pin. If the CPU clock is 80 MHz, a 20 MHz clock is output. Further-
more, if the BCLK output function is unused, and P70MD in the P7 Operation Mode Register is cleared to
“0,” the pin can be used as P70.
Note: • During external extension mode, this pin is switched for port upon exiting reset. Its pin function must
be set for peripheral clock using the corresponding Port Operation Mode Register and Port Periph-
eral Function Select Register as necessary.
The status of each pin during hold are shown below.
Table 17.1.1 Pin State during Hold Period
Pin Name
Pin State or Operation
A9–A30, DB0–DB15, CS0#–CS3#, RD#, BHW#, BLW#, BHE#, BLE#, WR#
High impedance
HACK#
Output "L"
Other pins (e.g., ports and timer output)
Normal operation
(11) Bus power supply (VCC-BUS)
This pin supplies power to the bus control pins. A voltage different from that of the main power supply can be
applied, which is convenient when external devices are connected to the system.
17.1 Outline of External Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com