| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 818 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 818 Page - Renesas Technology Corp |
|
818 / 1032 page ![]() EXTERNAL BUS INTERFACE 17 17-8 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 P2 Operation Mode Register (P2MOD) <Address: H’0080 0742> <Upon exiting reset: H’00> b Bit Name Function R W 0 P20MD 0: P20/DD24 (Note 1) R W Port P20 operation mode bit 1: A23 1 P21MD 0: P21/DD25 (Note 1) R W Port P21 operation mode bit 1: A24 2 P22MD 0: P22/DD26 (Note 1) R W Port P22 operation mode bit 1: A25 3 P23MD 0: P23/DD27 (Note 1) R W Port P23 operation mode bit 1: A26 4 P24MD 0: P24/DD28 (Note 1) R W Port P24 operation mode bit 1: A27 5 P25MD 0: P25/DD29 (Note 1) R W Port P25 operation mode bit 1: A28 6 P26MD 0: P26/DD30 (Note 1) R W Port P26 operation mode bit 1: A29 7 P27MD 0: P27/DD31 (Note 1) R W Port P27 operation mode bit 1: A30 Note 1: The port and DD input functions both are effective. To use the port as DD input pin, set the port direction for input. Notes: • During single-chip mode, settings of this register have no effect, and the port functions as port input/output or DD input pin. • During processor mode, settings of this register have no effect, and the ports function as external bus interface signal pins (A23-A30). 17.2 External Bus Interface Related Registers b0 12 3456 b7 P20MD P21MD P22MD P23MD P24MD P25MD P26MD P27MD 000 0000 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |