| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 820 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 820 Page - Renesas Technology Corp |
|
820 / 1032 page ![]() EXTERNAL BUS INTERFACE 17 17-10 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 P4 Operation Mode Register (P4MOD) <Address: H’0080 0744> <Upon exiting reset: H’00> b Bit Name Function R W 0–3 No function assigned. Fix to "0." 00 4 P44MD 0: P44 R W Port P44 operation mode bit 1: CS0#/TIN8 (Note 1) 5 P45MD 0: P45 R W Port P45 operation mode bit 1: CS1#/TIN9 (Note 1) 6 P46MD 0: P46 R W Port P46 operation mode bit 1: A13/TIN10 (Note 1) 7 P47MD 0: P47 R W Port P47 operation mode bit 1: A14/TIN11 (Note 1) Note 1: Which function of the pin is used depends on how the P4 Peripheral Function Select Register is set. Note: • During processor mode, settings of this register have no effect, and the ports function as external bus interface signal pins (CS0#, CS1#, A13 and A14). P4 Peripheral Function Select Register (P4SMOD) <Address: H’0080 0764> <Upon exiting reset: H’00> b Bit Name Function R W 0–3 No function assigned. Fix to "0." 00 4 P44SMD 0: CS0# R W Port P44 peripheral function select bit 1: TIN8 5 P45SMD 0: CS1# R W Port P45 peripheral function select bit 1: TIN9 6 P46SMD 0: A13 R W Port P46 peripheral function select bit 1: TIN10 7 P47SMD 0: A14 R W Port P47 peripheral function select bit 1: TIN11 Notes: • During processor mode, settings of this register have no effect, and the ports function as external bus interface signal pins (DB0-DB7). • The value of this register can only be modified when the corresponding P0 operation mode register bit = 0 (set for port). Then set the corresponging P0 operation mode register bit to "1." • During single-chip mode, selecting the external bus interface function is prohibited. b0 12 3456 b7 P44SMD P45SMD P46SMD P47SMD 000 0000 0 17.2 External Bus Interface Related Registers b0 12 3456 b7 P44MD P45MD P46MD P47MD 000 0000 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |