Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 824 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 824 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 820Page - Renesas Technology Corp 32186 Datasheet HTML 821Page - Renesas Technology Corp 32186 Datasheet HTML 822Page - Renesas Technology Corp 32186 Datasheet HTML 823Page - Renesas Technology Corp 32186 Datasheet HTML 824Page - Renesas Technology Corp 32186 Datasheet HTML 825Page - Renesas Technology Corp 32186 Datasheet HTML 826Page - Renesas Technology Corp 32186 Datasheet HTML 827Page - Renesas Technology Corp 32186 Datasheet HTML 828Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-14
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
P22 Peripheral Function Select Register (P22SMOD)
<Address: H’0080 0776>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0
P220SMD
0: CTX0
R
W
Port P220 peripheral function select bit
1: HACK#
1
P221SMD
0: CRX0
R
W
Port P221 peripheral function select bit
1: HREQ#
2, 3
No function assigned. Fix to "0."
00
4
P224SMD
0: A11
R
W
Port P224 peripheral function select bit (Note 1)
1: CS2#
5
P225SMD
0: A12
R
W
Port P225 peripheral function select bit (Note 1)
1: CS3#
6, 7
No function assigned. Fix to "0."
00
Note 1: During single-chip mode, selecting the external bus interface signal function is prohibited.
Note: • The value of this register can only be modified when the corresponding P22 operation mode register bit = "0" (set for port).
Then set the corresponging P22 operation mode register bit to "1."
P22 Operation Mode Register (P22MOD)
<Address: H’0080 0756>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0
P220MD
0: P220
R
W
Port P220 operation mode bit
1: CTX0/HACK# (Note 1)
1
P221MD
0: P221
R
W
Port P221 operation mode bit
1: CRX0/HREQ# (Note 1)
2, 3
No function assigned. Fix to "0."
00
4
P224MD
0: P224
R
W
Port P224 operation mode bit (Note 2)
1: A11/CS2# (Note 1)
5
P225MD
0: P225
R
W
Port P225 operation mode bit (Note 2)
1: A12/CS3# (Note 1)
6, 7
No function assigned. Fix to "0."
00
Note 1: Which function of the pin is used depends on how the P22 Peripheral Function Select Register is set.
Note 2: During processor mode, settings of this bit have no effect and the port functions as external bus interface signal pin (A11/CS2# or A12/
CS3#).
17.2 External Bus Interface Related Registers
b0
12
3456
b7
P220SMD P221SMD
P224SMD P225SMD
000
00000
b0
12
3456
b7
P220MD
P221MD
P224MD
P225MD
000
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com