Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 827 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 827 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 823Page - Renesas Technology Corp 32186 Datasheet HTML 824Page - Renesas Technology Corp 32186 Datasheet HTML 825Page - Renesas Technology Corp 32186 Datasheet HTML 826Page - Renesas Technology Corp 32186 Datasheet HTML 827Page - Renesas Technology Corp 32186 Datasheet HTML 828Page - Renesas Technology Corp 32186 Datasheet HTML 829Page - Renesas Technology Corp 32186 Datasheet HTML 830Page - Renesas Technology Corp 32186 Datasheet HTML 831Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-17
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
17.2 External Bus Interface Related Registers
Figure 17.2.2 Setting procedure of CLKOSEL bit
If a write cycle to any other area occurs during
this interval, the value that was set in the
CLKOSEL bit is not reflected. (Note 1)
CLKOSELP
"1"
CLKOSELP
"0"
CLKOSEL
Set value
• Example of correct settings
• Cases where settings have no effect
Because a write cycle to other area exists,
the set value is not reflected. (Note 1)
CLKOSELP
"1"
Write to other area
(1)
(2)
Because these two consecutive writes comprise a pair,
the next set value is not reflected.
CLKOSELP
"1"
CLKOSELP
"1"
Note 1 : The writing cycle to the other area is the writing cycle from CPU, DMA, SDI (tool), NBD to any other area.
The writing cycle from RTD and DRI do not effect.
Note : • This setting shoud be done on internal ROM or internal RAM.
CLKOSELP
"0"
CLKOSEL
Set value
CLKOSELP
"0"
CLKOSEL
Set value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com