Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 829 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 829 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 825Page - Renesas Technology Corp 32186 Datasheet HTML 826Page - Renesas Technology Corp 32186 Datasheet HTML 827Page - Renesas Technology Corp 32186 Datasheet HTML 828Page - Renesas Technology Corp 32186 Datasheet HTML 829Page - Renesas Technology Corp 32186 Datasheet HTML 830Page - Renesas Technology Corp 32186 Datasheet HTML 831Page - Renesas Technology Corp 32186 Datasheet HTML 832Page - Renesas Technology Corp 32186 Datasheet HTML 833Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 829 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-19
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
17.3 Read/Write Operations
(1) When the Bus Mode Control Register = "0"
External read/write operations are performed using the address bus, data bus and the signals CS0#–CS3#,
RD#, BHW#, BLW#, WAIT#, CLKOUT and BCLK. In the external read cycle, the RD# signal is "L" while
BHW# and BLW# both are "H," with data read in from only the necessary byte position. In the external write
cycle, the BHW# or BLW# signal output for the byte position to which to write is asserted "L" as data is
written to the bus.
When an external bus cycle starts, wait states are inserted as long as the WAIT# signal is "L." Unless
necessary, the WAIT# signal must always be held "H." If the WAIT function is unused, and P71MD in the P7
Operation Mode Register or P153MD in the P15 Operation Mode Register is cleared to “0,” the pin can be
used as port.
Figure 17.3.1 Internal Bus Access during Bus Free State
17.3 Read/Write Operations
Bus-free state
Internal bus access
"H"
CLKOUT
A9–A30
CS0#–CS3#
BHW#, BLW#
DB0–DB15
WAIT#
RD#
"H"
Hi-Z
Note 1: For details about the Bus Mode Control Register, see Section 17.2.2, "Bus Mode Control Register."
Note: • Hi-Z denotes a high-impedance state.
(Don't Care)
Bus Mode Control Register (Note 1)
BUSMOD bit = 0 (WR signal separated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com