Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 832 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 832 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 828Page - Renesas Technology Corp 32186 Datasheet HTML 829Page - Renesas Technology Corp 32186 Datasheet HTML 830Page - Renesas Technology Corp 32186 Datasheet HTML 831Page - Renesas Technology Corp 32186 Datasheet HTML 832Page - Renesas Technology Corp 32186 Datasheet HTML 833Page - Renesas Technology Corp 32186 Datasheet HTML 834Page - Renesas Technology Corp 32186 Datasheet HTML 835Page - Renesas Technology Corp 32186 Datasheet HTML 836Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 832 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-22
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(2) When set the Bus Mode Control Register = "1"
External read/write operations are performed using the address bus, data bus and the signals CS0#–CS3#,
RD#, BHE#, BLE#, WAIT#, WR# and BCLK. In the external read cycle, the RD# signal is "L" and the BHE#
or BLE# signal output for the byte position from which to read is asserted "L," with data read in from only the
necessary byte position of the bus. In the external write cycle, the WR# signal goes "L" and the BHE# or
BLE# signal output for the byte position to which to write is asserted "L," with data written to the necessary
byte position.
When an external bus cycle starts, wait states are inserted as long as the WAIT# signal is "L." Unless
necessary, the WAIT# signal must always be held "H."
Figure 17.3.4 Internal Bus Access during Bus Free State
"H"
WR#
Bus-free state
Internal bus access
"H"
CLKOUT
A9–A30
CS0#–CS3#
BHE#, BLE#
DB0–DB15
WAIT#
RD#
"H"
Hi-Z
(Don't Care)
Note 1: For details about the Bus Mode Control Register, see Section 17.2.2, "Bus Mode Control Register."
Notes: • Hi-Z denotes a high-impedance state.
• CLKOUT is not output.
Bus Mode Control Register (Note 1)
BUSMOD bit = 1 (byte enable separated)
17.3 Read/Write Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com