Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 828 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 828 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 824Page - Renesas Technology Corp 32186 Datasheet HTML 825Page - Renesas Technology Corp 32186 Datasheet HTML 826Page - Renesas Technology Corp 32186 Datasheet HTML 827Page - Renesas Technology Corp 32186 Datasheet HTML 828Page - Renesas Technology Corp 32186 Datasheet HTML 829Page - Renesas Technology Corp 32186 Datasheet HTML 830Page - Renesas Technology Corp 32186 Datasheet HTML 831Page - Renesas Technology Corp 32186 Datasheet HTML 832Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 828 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-18
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
17.2 External Bus Interface Related Registers
X8
1/4
PLL
1/2
CLKO
SEL
CLKOUT(external bus clock)
(20MHz or 10MHz)
XIN pin
(10MHz)
BCLK (peripheral clock)
(20MHz)
CPUCLK (CPU clock)
(80MHz)
Figure 17.2.3 Block Diagram of the Clock Configuration
The output pins for the peripheral clock BCLK and the external bus clock BCLKOUT are listed in Table 17.2.1.
A CLKOUT and BCLK select structure is shown in Figure 17.2.4.
Table 17.2.1 Output Pins for CLKOUT and BCLK
PIN No.
Pin Name
Function
Set Value
78
P70/CLKOUT/WR#/BCLK
P70
P70MD=0
CLKOUT
P70MD=1, P70SMD=0, BUSMOD=0
WR#
P70MD=1, P70SMD=0, BUSMOD=1
BCLK
P70MD=1, P70SMD=1
133
P150/TIN0/CLKOUT/WR#
P150
P150MD=0
TIN0
P150MD=1, P150SMD=0
CLKOUT
P150MD=1, P150SMD=1, BUSMOD=0
WR#
P150MD=1, P150SMD=1, BUSMOD=1
Figure 17.2.4 A CLKOUT and BCLK Select Structure
SEL
PIN No. 133 output
P150
P150MD
SEL
TIN0
P150SMD
SEL
PIN No. 78 output
P70
P70MD
SEL
BCLK
P70SMD
SEL
CLKOUT
BUSMOD
WR#
Figure 17.2.3 shows the clock configuration of CPUCLK, BCLK and CLKOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com