Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 826 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 826 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 822Page - Renesas Technology Corp 32186 Datasheet HTML 823Page - Renesas Technology Corp 32186 Datasheet HTML 824Page - Renesas Technology Corp 32186 Datasheet HTML 825Page - Renesas Technology Corp 32186 Datasheet HTML 826Page - Renesas Technology Corp 32186 Datasheet HTML 827Page - Renesas Technology Corp 32186 Datasheet HTML 828Page - Renesas Technology Corp 32186 Datasheet HTML 829Page - Renesas Technology Corp 32186 Datasheet HTML 830Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 826 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-16
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
17.2 External Bus Interface Related Registers
17.2.3 CLKOUT Select Register
CLKOUT Select Register (CLKOUTSEL)
<Address: H'0080 01A0>
123456
b7
b0
CLKOSEL
00
CLKOSELP
0
0
0
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
0–5
No function assigned. Fix to"0."
0-
6
CLKOSELP
0W
CLKOSEL write control bit
7
CLKOSEL
0: BCLK divided by 2
R
W
CLKOUT select bit
1: BCLK
Notes: • When CLKOUT changes from divided-by-2 BCLK to straight BCLK or vice versa, there will be some hazards riding on
CLKOUT.
• When BCLK is selected as a CLKOUT terminal output, regardless of CS0 to CS3 are used or not, it is prohibition that
selecting 0 wait in WAIT (the number selection of internal wait) bit of a CSx area wait control register.
(1) CLKOSELP (CLKOSEL Write Control) bit (Bit 6)
This bit controls write to the CLKOUT select bit.
(2) CLKOSEL (CLKOUT Select) bit (Bit 7)
This bit selects straight BCLK or divided-by-2 BCLK as outputting of CLKOUT (external bus synchronous
clock) pin. If the CPU clock is 80 MHz, BCLK is 20 MHz. If CLKOSEL is cleared to "0," CLKOUT or the
external bus reference clock is 10 MHz; if CLKOSEL is set to "1," CLKOUT is 20 MHz. The number of wait
states set by the CSn area wait control register, as well as CSn wait, strobe wait, recovery cycles and idle
cycles after read all are synchronized to CLKOUT.
However when "1" is selected in CLKOSEL bit (BCLK is selected as a CLKOUT terminal output), regardless
of CS0 to CS3 are used or not, it is prohibition that selecting 0 wait in WAIT (the number selection of internal
wait) bit of a CSn area wait control register.
The following describes how to set the CLKOSEL bit.
1. The program in the internal ROM or the internal RAM should be used to set the bits.
2. Write "1" to the CLKOSEL write control bit (CLKOSELP). (See Figure 17.2.2.)
3. Subsequent to 2 above, write "0" to the CLKOSEL write control bit (CLKOSELP) and then "0"
or "1" whichever desired to the CLKOUT select bit (CLKOSEL).
4. After writing to the above bits, access any SFR area for read twice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com