Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 825 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 825 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 821Page - Renesas Technology Corp 32186 Datasheet HTML 822Page - Renesas Technology Corp 32186 Datasheet HTML 823Page - Renesas Technology Corp 32186 Datasheet HTML 824Page - Renesas Technology Corp 32186 Datasheet HTML 825Page - Renesas Technology Corp 32186 Datasheet HTML 826Page - Renesas Technology Corp 32186 Datasheet HTML 827Page - Renesas Technology Corp 32186 Datasheet HTML 828Page - Renesas Technology Corp 32186 Datasheet HTML 829Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-15
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
17.2.2 Bus Mode Control Register
Bus Mode Control Register (BUSMODC)
<Address: H’0080 077F>
9
10
11
12
13
14
b15
b8
BUSMOD
0
0
0
0
0
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–14
No function assigned. Fix to "0."
00
15
BUSMOD
0: WR signal separate mode
R
W
Bus mode control bit
1: Byte enable separate mode
This register is used to facilitate memory connections during processor mode and external extension mode.
When the Bus Mode Control bit (BUSMOD) = "0," the WR# signal is output separately for each byte area.
Signals RD#, BHW#, BLW#, CLKOUT, WAIT# and BCLK can be used.
When the Bus Mode Control bit (BUSMOD) = "1," the byte enable signal is output separately for each byte
area. Signals RD#, BHE#, BLE#, WR#, WAIT# and BCLK can be used. In a WAIT control circuit configuration,
because CLKOUT output is not available, timing must be controlled by BCLK or external to the chip.
For memory connection in boot mode, the Bus Mode Control Register has no effect, and the microcomputer
operates in the same way as when the Bus Mode Control bit (BUSMOD) is cleared to "0."
Figure 17.2.1 Pin Functions when External Bus Modes are Changed
CS0#–CS3#
DB0–DB15
BCLK
RD#
BHW#
BLW#
A9–A30
CS0#–CS3#
DB0–DB15
BCLK
RD#
WR#
BHE#
BLE#
A9–A30
CLKOUT
BUSMOD bit = 0
BUSMOD bit = 1
17.2 External Bus Interface Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com