Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 821 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 821 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 817Page - Renesas Technology Corp 32186 Datasheet HTML 818Page - Renesas Technology Corp 32186 Datasheet HTML 819Page - Renesas Technology Corp 32186 Datasheet HTML 820Page - Renesas Technology Corp 32186 Datasheet HTML 821Page - Renesas Technology Corp 32186 Datasheet HTML 822Page - Renesas Technology Corp 32186 Datasheet HTML 823Page - Renesas Technology Corp 32186 Datasheet HTML 824Page - Renesas Technology Corp 32186 Datasheet HTML 825Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 821 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-11
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
P7 Operation Mode Register (P7MOD)
<Address: H’0080 0747>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
P70MD
0: P70
R
W
Port P70 operation mode bit
1: CLKOUT/WR#/BCLK (Note 1)
9
P71MD
0: P71
R
W
Port P71 operation mode bit
1: WAIT# (Note 2)
10
P72MD
0: P72
R
W
Port P72 operation mode bit
1: HREQ#/TIN27 (Note 3)
11
P73MD
0: P73
R
W
Port P73 operation mode bit
1: HACK#/TIN26 (Note 3)
12
P74MD
0: P74
R
W
Port P74 operation mode bit (Note 4)
1: RTDTXD/TXD3 (Note 3)
13
P75MD
0: P75
R
W
Port P75 operation mode bit (Note 4)
1: RTDRXD/RXD3 (Note 3)
14
P76MD
0: P76
R
W
Port P76 operation mode bit (Note 4)
1: RTDACK/CTX1 (Note 3)
15
P77MD
0: P77
R
W
Port P77 operation mode bit (Note 4)
1: RTDCLK/CRX1 (Note 3)
Note 1: These functions are selected using the P7 Peripheral Function Select Register and Bus Mode Control Register.
Note 2: During single-chip mode, settings of this register have no effect, and the port functions as port input/output pin.
Note 3: These functions are selected using the P7 Peripheral Function Select Register.
Note 4: If the NBD function is selected by the NBD Pin Control Register, the port functions as NBD pin no matter how this register is set.
b8
9
10
11121314
b15
P70MD
P71MD
P72MD
P73MD
P74MD
P75MD
P76MD
P77MD
000
00000
P7 Peripheral Function Select Register (P7SMOD)
<Address: H’0080 0767>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
P70SMD
0: CLKOUT/WR# (Note 1)
R
W
Port P70 peripheral function select bit
1: BCLK
9
No function assigned. Fix to "0."
00
10
P72SMD
0: HREQ#
R
W
Port P72 peripheral function select bit
1: TIN27
11
P73SMD
0: HACK#
R
W
Port P73 peripheral function select bit
1: TIN26
12
P74SMD (Note 2)
0: RTDTXD
R
W
Port P74 peripheral function select bit
1: TXD3
13
P75SMD (Note 2)
0: RTDRXD
R
W
Port P75 peripheral function select bit
1: RXD3
14
P76SMD (Note 2)
0: RTDACK
R
W
Port P76 peripheral function select bit
1: CTX1
15
P77SMD (Note 2)
0: RTDCLK
R
W
Port P77 peripheral function select bit
1: CRX1
Note 1: Which function of the pin is used depends on how the Bus Mode Control Register is set.
Note 2: If the NBD function is selected by the NBD Pin Control Register, the port functions as NBD pin no matter how this register is set.
Note: • The value of this register can only be modified when the corresponding P7 operation mode register bit = 0 (set for port).
Then set the corresponging P7 operation mode register bit to "1."
17.2 External Bus Interface Related Registers
b8
9
10
11121314
b15
P70SMD
P72SMD
P73SMD
P74SMD
P75SMD
P76SMD
P77SMD
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com