Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 817 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 817 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 813Page - Renesas Technology Corp 32186 Datasheet HTML 814Page - Renesas Technology Corp 32186 Datasheet HTML 815Page - Renesas Technology Corp 32186 Datasheet HTML 816Page - Renesas Technology Corp 32186 Datasheet HTML 817Page - Renesas Technology Corp 32186 Datasheet HTML 818Page - Renesas Technology Corp 32186 Datasheet HTML 819Page - Renesas Technology Corp 32186 Datasheet HTML 820Page - Renesas Technology Corp 32186 Datasheet HTML 821Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 817 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-7
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
17.2 External Bus Interface Related Registers
P1 Operation Mode Register (P1MOD)
<Address: H’0080 0741>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
P10MD
0: P10/DD8 (Note 1)
R
W
Port P10 operation mode bit
1: DB8/TO29 (Note 2)
9
P11MD
0: P11/DD9 (Note 1)
R
W
Port P11 operation mode bit
1: DB9/TO30 (Note 2)
10
P12MD
0: P12/DD10 (Note 1)
R
W
Port P12 operation mode bit
1: DB10/TO31 (Note 2)
11
P13MD
0: P13/DD11 (Note 1)
R
W
Port P13 operation mode bit
1: DB11/TO32 (Note 2)
12
P14MD
0: P14/DD12 (Note 1)
R
W
Port P14 operation mode bit
1: DB12/TO33 (Note 2)
13
P15MD
0: P15/D13 (Note 1)
R
W
Port P15 operation mode bit
1: DB13/TO34 (Note 2)
14
P16MD
0: P16/DD14 (Note 1)
R
W
Port P16 operation mode bit
1: DB14/TO35 (Note 2)
15
P17MD
0: P17/DD15 (Note 1)
R
W
Port P17 operation mode bit
1: DB15/TO36 (Note 2)
Note 1: The port and DD input functions both are effective. To use the port as DD input pin, set the port direction for input.
Note 2: Which function of the pin is used depends on how the P0 Peripheral Function Select Register is set.
Note: • During processor mode, settings of this register have no effect, and the ports function as external bus interface signal
pins (DB0-DB7).
b8
9
10
11121314
b15
P10MD
P11MD
P12MD
P13MD
P14MD
P15MD
P16MD
P17MD
000
00000
P1 Peripheral Function Select Register (P1SMOD)
<Address: H’0080 0761>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
P10SMD
0: DB8
R
W
Port P10 peripheral function select bit
1: TO29
9
P11SMD
0: DB9
R
W
Port P11 peripheral function select bit
1: TO30
10
P12SMD
0: DB10
R
W
Port P12 peripheral function select bit
1: TO31
11
P13SMD
0: DB11
R
W
Port P13 peripheral function select bit
1: TO32
12
P14SMD
0: DB12
R
W
Port P14 peripheral function select bit
1: TO33
13
P15SMD
0: DB13
R
W
Port P15 peripheral function select bit
1: TO34
14
P16SMD
0: DB14
R
W
Port P16 peripheral function select bit
1: TO35
15
P17SMD
0: DB15
R
W
Port P17 peripheral function select bit
1: TO36
Notes: • During processor mode, settings of this register have no effect, and the ports function as external bus interface signal
pins (DB0-DB7).
• The value of this register can only be modified when the corresponding P0 operation mode register bit = 0 (set for port).
Then set the corresponging P0 operation mode register bit to "1."
• During single-chip mode, selecting the external bus interface function is prohibited.
b8
9
10
11121314
b15
P10SMD P11SMD
P12SMD
P13SMD
P14SMD
P15SMD
P16SMD
P17SMD
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com