| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 816 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 816 Page - Renesas Technology Corp |
|
816 / 1032 page ![]() EXTERNAL BUS INTERFACE 17 17-6 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 P0 Peripheral Function Select Register (P0SMOD) <Address: H’0080 0760> <Upon exiting reset: H’00> b Bit Name Function R W 0 P00SMD 0: DB0 R W Port P00 peripheral function select bit 1: TO21 1 P01SMD 0: DB1 R W Port P01 peripheral function select bit 1: TO22 2 P02SMD 0: DB2 R W Port P02 peripheral function select bit 1: TO23 3 P03SMD 0: DB3 R W Port P03 peripheral function select bit 1: TO24 4 P04SMD 0: DB4 R W Port P04 peripheral function select bit 1: TO25 5 P05SMD 0: DB5 R W Port P05 peripheral function select bit 1: TO26 6 P06SMD 0: DB6 R W Port P06 peripheral function select bit 1: TO27 7 P07SMD 0: DB7 R W Port P07 peripheral function select bit 1: TO28 Notes: • During processor mode, settings of this register have no effect, and the ports function as external bus interface signal pins (DB0-DB7). • The value of this register can only be modified when the corresponding P0 operation mode register bit = 0 (set for port). Then set the corresponging P0 operation mode register bit to "1." • During single-chip mode, selecting the external bus interface function is prohibited. 17.2 External Bus Interface Related Registers b0 12 3456 b7 P00SMD P01SMD P02SMD P03SMD P04SMD P05SMD P06SMD P07SMD 00 00000 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |