Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 836 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 836 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 832Page - Renesas Technology Corp 32186 Datasheet HTML 833Page - Renesas Technology Corp 32186 Datasheet HTML 834Page - Renesas Technology Corp 32186 Datasheet HTML 835Page - Renesas Technology Corp 32186 Datasheet HTML 836Page - Renesas Technology Corp 32186 Datasheet HTML 837Page - Renesas Technology Corp 32186 Datasheet HTML 838Page - Renesas Technology Corp 32186 Datasheet HTML 839Page - Renesas Technology Corp 32186 Datasheet HTML 840Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 836 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-26
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(2) When the Bus Mode Control Register = "1"
When the input signal on the HREQ# pin is pulled "L" and the hold request is accepted, the microcomputer
goes to a hold state and outputs "L" from the HACK# pin. During hold state, all bus related pins are placed
in the high-impedance state, allowing data to be transferred on the system bus. To exit the hold state and
return to normal operating state, release the HREQ# signal back "H."
Figure 17.4.2 Bus Arbitration Timing
DB0–DB15
CLKOUT
Note 1: For details about the Bus Mode Control Register, see Section 17.2.2, "Bus Mode Control Register."
Notes: • Circles in the above diagram denote the sampling timing.
• Hi-Z denotes a high-impedance state.
• Idle cycles are inserted only when a hold state is entered immediately following an external read access.
A recovery cycle is inserted in place of the idle cycle when setting RECOV=1 and IDLE=0 by the wait controller.
• The number of cycles before a state transition to idle (recovery) of hold state occurs after input to the
HREQ# pin is pulled "L" differs depending on the status of the bus access being executed then.
HREQ#
HACK#
A9–A30
CS0#–CS3#
RD#
BHE#, BLE#
WAIT#
Hi-Z
(Don't Care)
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
WR#
Bus Mode Control Register (Note 1)
BUSMOD bit = 1 (byte enable separated)
Bus cycle
Idle
Go to
hold state
Hold state
Return
Next
bus cycle
17.4 Bus Arbitration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com