Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 838 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 838 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 834Page - Renesas Technology Corp 32186 Datasheet HTML 835Page - Renesas Technology Corp 32186 Datasheet HTML 836Page - Renesas Technology Corp 32186 Datasheet HTML 837Page - Renesas Technology Corp 32186 Datasheet HTML 838Page - Renesas Technology Corp 32186 Datasheet HTML 839Page - Renesas Technology Corp 32186 Datasheet HTML 840Page - Renesas Technology Corp 32186 Datasheet HTML 841Page - Renesas Technology Corp 32186 Datasheet HTML 842Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 838 / 1032 page
background image
EXTERNAL BUS INTERFACE
17
17-28
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
17.5 Typical Connection of External Extension Memory
(2) When the Bus Mode Control Register = "1"
A typical memory connection when using external extension memory is shown in Figure 17.5.2. (External
extension memory can only be used in external extension mode and processor mode.)
Figure 17.5.2 Typical Connection of External Extension Memory (when BUSMOD bit = "1")
Notes: • Address pin 0 is the MSB, and pin 31 is the LSB. (Pins 9-30 are output).
• Data pin 0 is the MSB, and pin 15 is the LSB.
• If external extension memory is connected to the system, the MSB and the LSB sides (endian
format) should be taken into consideration when connecting each pin.
SRAM
M32185F4
M32186F8
A9
Memory mapping
Internal ROM area
(1MB)
A30
DB0
DB15
RD#
CS0#
CS1#
CS2#
CS3#
BLE#
BHE#
Number of bus wait states can be set to 0-15
WAIT#
Normally used as port. WAIT is used only when more than 15 wait states are needed.
H'0000 0000
H'017F FFFF
H'0100 0000
H'000F FFFF
H'0010 0000
External memory area
(8MB)
7M-CS0 area
8M-CS1 area
Flash memory
A21
A0
D15
D0
RD#
CS#
max7MB
A21
A0
D15
D0
RD#
CS#
BHE#(D15-D8)
BLE#(D7-D0)
max8MB
WR#
WR#
External memory area
(7MB)
H'007F FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com