Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 803 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 803 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 799Page - Renesas Technology Corp 32186 Datasheet HTML 800Page - Renesas Technology Corp 32186 Datasheet HTML 801Page - Renesas Technology Corp 32186 Datasheet HTML 802Page - Renesas Technology Corp 32186 Datasheet HTML 803Page - Renesas Technology Corp 32186 Datasheet HTML 804Page - Renesas Technology Corp 32186 Datasheet HTML 805Page - Renesas Technology Corp 32186 Datasheet HTML 806Page - Renesas Technology Corp 32186 Datasheet HTML 807Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 803 / 1032 page
background image
16
NON-BREAK DEBUG (NBD)
16-5
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 16.2.1 NBDSET Bit Setting Procedure
16.2 Pin Functions of NBD
If a write cycle to any other area occurs during
this interval, the value that was set in the
NBDSET bit is not reflected. (Note 1)
NBDSETP
"1"
NBDSETP
"0"
NBDSET
Set value
• Example of correct settings
• Cases where settings have no effect
Because a write cycle to other area exists,
the set value is not reflected. (Note 1)
NBDSETP
"1"
Write to other area
(1)
(2)
Because these two consecutive writes comprise a pair,
the next set value is not reflected.
NBDSETP
"1"
NBDSETP
"1"
Note 1: The writing cycle to the other area is the writing cycle from CPU, DMA, SDI (tool), NBD to any other area.
The writing cycle from RTD and DRI do not effect.
NBDSETP
"0"
NBDSET
Set value
NBDSETP
"0"
NBDSET
Set value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com