Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 792 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 792 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 788Page - Renesas Technology Corp 32186 Datasheet HTML 789Page - Renesas Technology Corp 32186 Datasheet HTML 790Page - Renesas Technology Corp 32186 Datasheet HTML 791Page - Renesas Technology Corp 32186 Datasheet HTML 792Page - Renesas Technology Corp 32186 Datasheet HTML 793Page - Renesas Technology Corp 32186 Datasheet HTML 794Page - Renesas Technology Corp 32186 Datasheet HTML 795Page - Renesas Technology Corp 32186 Datasheet HTML 796Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 792 / 1032 page
background image
REAL TIME DEBUGGER (RTD)
15
15-6
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
32 clock
periods
32 clock
periods
WRR(A1)
(A1) Write data
3 clock periods
RTDCLK
RTDRXD
RTDTXD
RTDACK
WRR(A2)
(A2) Write data
D (A1) Read value
before writing
D (A1) Verify value
after writing
Notes: • (An) = Specified address
• D(An) = Data at specified address (An)
32 clock
periods
32 clock
periods
Figure 15.4.5 Operation of the WRR Command
15.4.3 Operation of WRR (RAM Content Forcible Rewrite)
When the WRR (RAM content forcible rewrite) command is issued, the RTD forcibly rewrites the contents of
the internal RAM without causing the CPU’s internal bus to stop. Because the RTD writes data to the internal
RAM while there are no transfers performed between the CPU and internal RAM, no extra CPU load is in-
curred.
Only the 32-bit word-aligned addresses(The lower address B’00) can be specified for read from the internal
RAM. (The two low-order address bits specified by a command are ignored.) Data are written to the internal
RAM in 32-bit units.
The external host should transmit the command and address in the first frame and then the write data in the
second frame. The RTD writes to the internal RAM in the third frame after receiving the write data.
Figure 15.4.4 WRR Command Data Format
The RTD reads out data from the specified address before writing to the internal RAM and again reads out
data from the same address immediately after writing to the internal RAM (this helps to verify the data
written to the internal RAM). The read data is output at the timing shown below.
31
X0
0
1
1
19 18 17 16
A15
15
A14
14 13 12
1
A16
0
X
20
A17
A28
A29
Command (WRR)
Specified address
Notes: • X = Don't care. (However, if issued immediately after the RCV command, bits 20-31 must all be set to "1.")
• The specified address and write data are transferred LSB-first.
31
b31
1
b0
0
b30
30
b1
Write data
RTDRXD
(MSB side)
(MSB side)
(LSB side)
(LSB side)
RTDRXD
a) First frame
b) Second frame
15.4 Functional Description of RTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com