Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 758 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 758 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 754Page - Renesas Technology Corp 32186 Datasheet HTML 755Page - Renesas Technology Corp 32186 Datasheet HTML 756Page - Renesas Technology Corp 32186 Datasheet HTML 757Page - Renesas Technology Corp 32186 Datasheet HTML 758Page - Renesas Technology Corp 32186 Datasheet HTML 759Page - Renesas Technology Corp 32186 Datasheet HTML 760Page - Renesas Technology Corp 32186 Datasheet HTML 761Page - Renesas Technology Corp 32186 Datasheet HTML 762Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 758 / 1032 page
background image
DIRECT RAM INTERFACE (DRI)
14
14-10
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
DEC Interrupt Request Status Register (DRIDECIST)
<Address: H'0080 2002>
123456
b7
b0
DEC0IS
DEC1IS
DEC2IS
DEC3IS
DEC4IS
00000
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
0
DEC0IS (DEC0 interrupt request stabus bit)
0: Interrupt not requested
R(Note 1)
1
DEC1IS (DEC1 interrupt request stabus bit)
1: Interrupt requested
2
DEC2IS (DEC2 interrupt request stabus bit)
3
DEC3IS (DEC3 interrupt request stabus bit)
4
DEC4IS (DEC4 interrupt request stabus bit)
5–7
No function assigned. Fix to "0."
00
Note 1: Only writing "0" is effective. Writing "1" has no effect, so that the bit retains the previous value.
If one of five event counters (DEC0–DEC4) included in the DRI underflows upon reaching the terminal
count, the corresponding status bit in this register is set to "1" in hardware.
Note: • If the status is cleared in software at the same time it is set for an interrupt request generated,
the latter has priority, so that the status is set.
DEC Interrupt Request Enable Register (DRIDECIEN)
<Address: H'0080 2003>
9
10
11
12
13
14
b15
b8
DEC0IEN DEC1IEN DEC2IEN DEC3IEN DEC4IEN
00000
0
0
0
<Upon exiting reset: H'00>
b
Bit Name
Function
R
W
8
DEC0IEN (DEC0 interrupt request enable bit)
0: Mask (disable) interrupt request
R
W
9
DEC1IEN (DEC1 interrupt request enable bit)
1: Enable interrupt request
10
DEC2IEN (DEC2 interrupt request enable bit)
11
DEC3IEN (DEC3 interrupt request enable bit)
12
DEC4IEN (DEC4 interrupt request enable bit)
13–15
No function assigned. Fix to "0."
00
This register enables or prohibit the interrupt requests that will be generated when one of the internal event
counters underflows.
Setting each bit in this register to "1" enables the interrupt request by the corresponding event counter
underflow.
14.2 DRI Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com