Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 745 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 745 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 741Page - Renesas Technology Corp 32186 Datasheet HTML 742Page - Renesas Technology Corp 32186 Datasheet HTML 743Page - Renesas Technology Corp 32186 Datasheet HTML 744Page - Renesas Technology Corp 32186 Datasheet HTML 745Page - Renesas Technology Corp 32186 Datasheet HTML 746Page - Renesas Technology Corp 32186 Datasheet HTML 747Page - Renesas Technology Corp 32186 Datasheet HTML 748Page - Renesas Technology Corp 32186 Datasheet HTML 749Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 745 / 1032 page
background image
13
CAN MODULE
13-135
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 13.8.1 Remote Frame Receive Procedure
13.8.2 Remote Frame Receive Operation
The following describes remote frame receive operation. The operations described below are automatically
performed in hardware.
(1) Setting RA (Remote Active) bit
The RA (Remote Active) bit indicating that the corresponding slot is to handle remote frames is set to "1" at
the same time H’60 (Receive Request, Remote, Automatic Response Enable) or H’70 (Receive Request,
Remote, Automatic Response Disable) is written to the CAN Message Slot Control Register.
(2) Acceptance filtering
When the CAN module finished receiving data, it starts searching for the slot that satisfies the conditions for
receiving the received message, sequentially from slot 0 (up to slot 31). The following shows receive condi-
tions for the slots that have been set for remote frame reception.
[Conditions]
• The received frame is a remote frame.
• The receive ID and the slot ID are identical, assuming the ID Mask Register bits set to "0" are “Don’t care.”
• The standard and extended frame types are the same.
13.8 Receiving Remote Frames
Remote frame
receive procedure
Initialize CAN Message Slot
Control Register
Set ID in the CAN message slot
Set the CAN Frame Format
Select Register
Set CAN Message Slot
Control Register
End of setting
Write H'00
Select standard ID or extended ID
Write H'60
(receive request, remote and automatic response enable)
Write H'70
(receive request, remote and automatic response disable)
Read CAN Message Slot
Control Register
TRSTAT bit = 0
YES
NO
Confirm that transmission
and reception are idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com