Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 874 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 874 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 870Page - Renesas Technology Corp 32186 Datasheet HTML 871Page - Renesas Technology Corp 32186 Datasheet HTML 872Page - Renesas Technology Corp 32186 Datasheet HTML 873Page - Renesas Technology Corp 32186 Datasheet HTML 874Page - Renesas Technology Corp 32186 Datasheet HTML 875Page - Renesas Technology Corp 32186 Datasheet HTML 876Page - Renesas Technology Corp 32186 Datasheet HTML 877Page - Renesas Technology Corp 32186 Datasheet HTML 878Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 874 / 1032 page
background image
RAM BACKUP MODE
19
19-2
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
19.1 Outline of RAM Backup Mode
19.1 Outline of RAM Backup Mode
In RAM backup mode, the part of contents of the internal RAM are retained while the power is turned off.
RAM backup mode is used for the following two purposes.
RAM back up area for the 32185/32186 is from H'0080 4000 to H'0080 7FFF(16KB).
• Back up the part of the internal RAM data when the power is forcibly turned off from the outside (RAM
backup when the power is off)
• For the M32R/ECU to turn off the power to the CPU at any time as needed to reduce the system’s power
consumption while retaining part of the internal RAM data (RAM backup for saving the power consumption)
The M32R/ECU is placed in RAM backup mode by applying a voltage of 3.3 V or 5.0 V to the VDDE pin
(provided for RAM backup) and 0 V to all other pins. When started by boot mode, internal RAM value is
indefinite after started by boot mode in order to "Flash writing/ Erase program" is transferd to internal RAM.
During RAM backup mode, the contents of the internal RAM are retained, while the CPU and internal periph-
eral I/O remain idle. Because all pins except VDDE are held low during RAM backup mode, the power
consumption in the system can effectively be reduced.
Figure 19.1.1 RAM Backup Area
H'0080 4000
H'0080 7FFF
H'0080 8000
H'0080 BFFF
RAM backup area (16KB)
32185 internal RAM (32KB)
Non-RAM backup area
H'0080 4000
H'0080 7FFF
H'0080 8000
H'0081 3FFF
RAM backup area (16KB)
32186 internal RAM (64KB)
Non-RAM backup area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com